Electronic Components Datasheet Search |
|
FM75 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FM75 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 16 page © 2006 Fairchild Semiconductor Corporation www.fairchildsemi.com FM75 Rev. 1.0.8 4 Logic Electrical Characteristics Symbol Parameter Conditions Min. Typ. Max. Units VIH Minimum Input Voltage Logic HIGH VDD x 0.7 VDD + 0.5 V VIL Maximum Input Voltage Logic LOW -0.3 VDD x 0.3 V VOL Maximum Output Voltage Logic LOW VDD = 5V, IOL = -3mA VDD = 3V, IOL = -1.5mA 0.36 0.36 V V IDD Quiescent Supply Current Interface Inactive R/W Activity on SDA 250 350 500 700 µA IDD-SD Shutdown Current Interface Inactive R/W Activity on SDA 0.15 83 1 150 µA IIN Input Leakage Current VIN = 0V or 5V, TA = 25°C -40°C < TA < 125°C ±0.1 ±1.0 µA IOL Output Sink Current TA = 25°C, VOL = 0.4V 3 mA ILEAK Output Leakage Current VOH = 5V, VDD = 0V 0.001 5 µA tF Output Transition Time CL = 400pF, IOL = -3mA 250 ns CIN Input Capacitance All Digital Inputs 20 pF |
Similar Part No. - FM75 |
|
Similar Description - FM75 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |