Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM75 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM75
Description  Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM75 Datasheet HTML 1Page - Fairchild Semiconductor FM75 Datasheet HTML 2Page - Fairchild Semiconductor FM75 Datasheet HTML 3Page - Fairchild Semiconductor FM75 Datasheet HTML 4Page - Fairchild Semiconductor FM75 Datasheet HTML 5Page - Fairchild Semiconductor FM75 Datasheet HTML 6Page - Fairchild Semiconductor FM75 Datasheet HTML 7Page - Fairchild Semiconductor FM75 Datasheet HTML 8Page - Fairchild Semiconductor FM75 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FM75 Rev. 1.0.8
5
Serial Port Timing
Figure 3. Serial Port Timing Diagram
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tSCL
SCL Clock Period
1.0
100
µs
tT:LH, tT:HL
SCL Clock Transition Time
300
ns
tLOW
SCL Clock LOW Period
0.470
µs
tHIGH
SCL Clock HIGH Period
0.400
50
µs
tBUF
Bus free time between a Stop and
a new Start Condition
1.0
µs
tSU:DAT
Data In Set-up to SCL HIGH
100
ns
tHD:DAT
Data In Hold Time
100
ns
tHD
Data Out Stable after SCL LOW
0
ns
tSU:STA
SCL LOW Set-up to SDA LOW
(Repeated Start Condition)
100
ns
tHD:STA
SCL HIGH Hold after SDA LOW
(Start Condition)
100
ns
tSU:STO
SDA HIGH after SCL HIGH
(Stop Condition)
100
ns
tPOR
Time in which a FM75 must be
operational after a power-on reset
500
ms
SDA
Data In
tHD:STA
tSCL
tSU:STO
tSU:DAT
tHD
tHD:DAT
SCL
SDA
Data Out
SCL
10%
10%
90%
tT:LH
tT:HL
tLOW
tHIGH
tBUF
tSU:STA
90%


Similar Part No. - FM75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
logo
SHENZHEN FUMAN ELECTRON...
FM7518 FUMAN-FM7518 Datasheet
397Kb / 7P
   PWM control power switch
FM7518A FUMAN-FM7518A Datasheet
401Kb / 7P
   PWM control power switch
FM7518B FUMAN-FM7518B Datasheet
401Kb / 7P
   PWM control power switch
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
More results

Similar Description - FM75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com