Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM75M8X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM75M8X
Description  Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75M8X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM75M8X Datasheet HTML 1Page - Fairchild Semiconductor FM75M8X Datasheet HTML 2Page - Fairchild Semiconductor FM75M8X Datasheet HTML 3Page - Fairchild Semiconductor FM75M8X Datasheet HTML 4Page - Fairchild Semiconductor FM75M8X Datasheet HTML 5Page - Fairchild Semiconductor FM75M8X Datasheet HTML 6Page - Fairchild Semiconductor FM75M8X Datasheet HTML 7Page - Fairchild Semiconductor FM75M8X Datasheet HTML 8Page - Fairchild Semiconductor FM75M8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FM75 Rev. 1.0.8
3
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics
tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines
the conditions for actual device operation.
Note:
1. Human Body Model: 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. Machine Model: 200pF
capacitor discharged directly into each pin.
Electrical Characteristics(2)
-40°C ð TA ð +125°C, VCC = 5.0V unless otherwise noted. Specifications are subject to change without notice.
Notes:
2. These specifications are guaranteed only for the test conditions listed.
3. This specification only indicates how often temperature information is updated to the temperature register.
The FM75 can be read at any time without interrupting the temperature conversion process.
4. Accuracy (expressed in °C) = the difference between the FM75 output temperature and the measured temperature.
Parameter
Min.
Typ.
Max.
Units
Supply Voltage
+7
V
Output Voltage
VCC + 0.5
V
Output Current
10
mA
Storage Temperature Range
-60
+150
°C
Lead Soldering Temperature
220
°C
ESD(1)
Human Body Model
Machine Model
2000
250
V
V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
TMIN, TMAX
Specified Temperature Range
-40
+125
°C
Temperature Conversion Time(3)
90
ms
Accuracy(4)
TA = +25°C
TA = +100°C
TA = -40°C (TMIN)
TA = +125°C (TMAX)
-2
-3
-4
-4
+2
+3
+4
+4
°C


Similar Part No. - FM75M8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75M8X FAIRCHILD-FM75M8X Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
More results

Similar Description - FM75M8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com