Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6224 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6224
Description  Single Output Mobile-Friendly PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6224 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6224_06 Datasheet HTML 5Page - Intersil Corporation ISL6224_06 Datasheet HTML 6Page - Intersil Corporation ISL6224_06 Datasheet HTML 7Page - Intersil Corporation ISL6224_06 Datasheet HTML 8Page - Intersil Corporation ISL6224_06 Datasheet HTML 9Page - Intersil Corporation ISL6224_06 Datasheet HTML 10Page - Intersil Corporation ISL6224_06 Datasheet HTML 11Page - Intersil Corporation ISL6224_06 Datasheet HTML 12Page - Intersil Corporation ISL6224_06 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN9042.8
June 8, 2006
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting impedances
and parasitic circuit elements. The voltage spikes can
degrade efficiency, radiate noise into the circuit, and lead to
device overvoltage stress. Careful component layout and
printed circuit design minimizes the voltage spikes in the
converter. Consider, as an example, the turn-off transition of
one of the upper PWM MOSFETs. Prior to turn-off, the upper
MOSFET is carrying the full load current. During the turn-off,
current stops flowing in the upper MOSFET and is picked up
by the lower MOSFET. Any inductance in the switched
current path generates a voltage spike during the switching
interval. Careful component selection, tight layout of the
critical components, and short, wide circuit traces minimize
the magnitude of voltage spikes. See the Application Note
AN9983 for the evaluation board component placement and
the printed circuit board layout details.
There are two sets of critical components in a DC/DC
converter using an ISL6224 controller. The switching power
components are the most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bias currents.
Power Components Layout Considerations
The power components and the controller IC should be
placed first. Locate the input capacitors, especially the high-
frequency ceramic decoupling capacitors, close to the power
MOSFETs. Locate the output inductor and output capacitors
between the MOSFETs and the load. Locate the PWM
controller close to the MOSFETs.
Insure the current paths from the input capacitors to the
MOSFETs, to the output inductors and output capacitors are
as short as possible with maximum allowable trace widths.
A multi-layer printed circuit board is recommended. Dedicate
one solid layer for a ground plane and make all critical
component ground connections with vias to this layer.
Dedicate another solid layer as a power plane and break this
plane into smaller islands of common voltage levels. The
power plane should support the input power and output
power nodes. Use copper filled polygons on the top and
bottom circuit layers for the phase nodes, but do not
unnecessarily oversize these particular islands. Since the
phase nodes are subjected to very high dV/dt voltages, the
stray capacitor formed between these islands and the
surrounding circuitry will tend to couple switching noise. Use
the remaining printed circuit layers for small signal wiring.
The wiring traces from the control IC to the MOSFET gate
and source should be sized to carry 2A peak currents.
Small Components Signal Layout Considerations
The Vin pin 1 input should be bypassed with a 1.0µF
capacitor. The bypass capacitors for Vin and the soft-start
capacitor, should be located close to their connecting pins on
the control IC.
Refer to the Application Note AN9983 for a recommended
component placement and interconnections.
Figures 5, 6 and 7 show application circuits for the three modes
of operation. Mode 1 is operating from battery voltage and
operating at 300kHz switching frequency. Mode 2 is operating
off of 5V and operating at 300kHz switching frequency. Mode 3
is operating off of 5V and operating at 600kHz switching
frequency.
ISL6224


Similar Part No. - ISL6224_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224CA INTERSIL-ISL6224CA Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CA RENESAS-ISL6224CA Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224CA-T INTERSIL-ISL6224CA-T Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224CAZ INTERSIL-ISL6224CAZ Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CAZ RENESAS-ISL6224CAZ Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
More results

Similar Description - ISL6224_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com