Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6551
Description  ZVS Full Bridge PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6551 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6551_06 Datasheet HTML 3Page - Intersil Corporation ISL6551_06 Datasheet HTML 4Page - Intersil Corporation ISL6551_06 Datasheet HTML 5Page - Intersil Corporation ISL6551_06 Datasheet HTML 6Page - Intersil Corporation ISL6551_06 Datasheet HTML 7Page - Intersil Corporation ISL6551_06 Datasheet HTML 8Page - Intersil Corporation ISL6551_06 Datasheet HTML 9Page - Intersil Corporation ISL6551_06 Datasheet HTML 10Page - Intersil Corporation ISL6551_06 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
FN9066.5
January 3, 2006
Vsat_sinking (ISL6551IB)
Vsat_low
Sinking 20mA
0.035
V
Sinking 200mA
0.31
V
Vsat_sinking (ISL6551AB)
Vsat_low
Sinking 20mA
0.04
V
Sinking 200mA
0.5
V
SYNCHRONOUS SIGNALS (SYNC1, SYNC2)
Maximum capacitive load (each)
VDD = 12, F = 1MHz
20
pF
PROGRAMMABLE DELAYS (RESDLY, LEB) (Note 4)
Resonant Delay Adjust Range
(Figure 7)
50
500
ns
Resonant Delay
tRESDLY
R_RESDLY = 10K
55
ns
R_RESDLY = 120K
488
ns
Leading Edge Blanking Adjust
Range
(Figure 8)
50
300
ns
Leading Edge Blanking
tLEB
R_LEB = 20K
64
ns
R_LEB = 140K
302
ns
R_LEB = 12V
0
ns
LATCHING SHUTDOWN (LATSD)
Fault Threshold
VIN
3
V
Fault_NOT Threshold
VINN
1.9
V
Time to Set latch (Note 4)
TSET
415
ns
ON/OFF (ONOFF)
Turn-off Threshold
OFF
0.8
V
Turn-on Threshold
ON
2
V
CURRENT SHARE (SHARE, CS_COMP) (Note 4)
Voltage Offset Between Error Amp
Voltage of Master and Slave
Vcs_offset
SHARE = 30K
30
mV
Maximum Source Current To
External Reference
Ics_source SHARE = 30K
190
µA
Maximum Correctable Deviation In
Reference Voltage Between Master
and Slave
SHARE = 30K, Rsource = 1K,
OUTPUT REFERENCE = 1 to 5V,
(See Figure 10)
190
mV
Share/Adjust Loop Bandwidth
CS BW
CS_COMP = 0.1
µF
500
Hz
DC OK (DCOK)
Sink Current
IDCOK
5mA
Saturation Voltage
VSATDCOK IDCOK = 5mA
0.4
V
Input Reference
Vref_in
1
5
V
Threshold (relative to Vref_in)
OV
(Figure 11)
5
%
Recovery (relative to Vref_in)
OV
(Figure 11)
3
%
Threshold (relative to Vref_in)
UV
(Figure 11)
-5
%
Recovery (relative to Vref_in)
UV
(Figure 11)
-3
%
Transient Rejection (Note 4)
TRej
100mV transient on Vout (system implicit rejection
and feedback network dependence (Figure 12)
250
µs
NOTE:
4. Guaranteed by design. Not 100% tested in production.
Electrical Specifications
These specifications apply for VDD = VDDP = 12V and TA = 0°C to 85°C (ISL6551IB) or -40°C to 105°C
(ISL6551AB), Unless Otherwise Stated (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6551


Similar Part No. - ISL6551_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6551ABZ RENESAS-ISL6551ABZ Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
More results

Similar Description - ISL6551_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com