Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551IB Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6551IB
Description  ZVS Full Bridge PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6551IB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6551IB Datasheet HTML 7Page - Intersil Corporation ISL6551IB Datasheet HTML 8Page - Intersil Corporation ISL6551IB Datasheet HTML 9Page - Intersil Corporation ISL6551IB Datasheet HTML 10Page - Intersil Corporation ISL6551IB Datasheet HTML 11Page - Intersil Corporation ISL6551IB Datasheet HTML 12Page - Intersil Corporation ISL6551IB Datasheet HTML 13Page - Intersil Corporation ISL6551IB Datasheet HTML 14Page - Intersil Corporation ISL6551IB Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
FN9066.5
January 3, 2006
- Note that the capacitance of a scope probe (~12pF for
single ended) would induce a smaller frequency at the
CT pin. It can be easily seen at a higher frequency. An
accurate operating frequency can be measured at the
outputs of the bridge/synchronous drivers.
- The dead time is the delay to turn on the upper FET
(UPPER1/UPPER2) after its corresponding lower FET
(LOWER1/LOWER2) is turned off when the bridge is
operating at maximum duty cycle in normal conditions,
or is responding to load transients or input line dipping
conditions. This helps to prevent shoot through between
the upper FET and the lower FET that are located at the
same side of the bridge. The dead time can be
estimated using Equation 2:
where M=11.4(VDD=12V), 11.1(VDD=14V), and
12(VDD=10V), and RD is in k
Ω. This relationship is
shown in Figure 3.
• Error Amplifier (EAI, EANI, EAO)
- This amplifier compares the feedback signal received at
the EAI pin to a reference signal set at the EANI pin and
provides an error signal (EAO) to the PWM Logic. The
feedback loop compensation can be programmed via
these pins.
- Both EANI and EAO are clamped by the voltage
(Vclamp) set at the CSS pin, as shown in Figure 4. Note
that the diodes in the functional block diagram represent
the clamp function of the CSS in a simplified way.
• Soft-Start (CSS)
- The voltage on an external capacitor charged by an
internal current source ISS is fed into a control pin on
the error amplifier. This causes the Error Amplifier to: 1)
limit the EAO to the soft-start voltage level; and 2) over-
ride the reference signal at the EANI with the soft-start
voltage, when the EANI voltage is higher than the soft-
start voltage. Thus, both the output voltage and current
of the power supply can be controlled by the soft-start.
- The clamping voltage determines the cycle-by-cycle
peak current limiting of the power supply. It should be
set above the EANI and EAO voltages and can be
programmed by an external resistor as shown in
Figure 4 using Equation 3.
FIGURE 2. CT vs FREQUENCY
3,000
2,500
2,000
1,500
1,000
500
0
0
°C
60
°C
10
100
10,000
CT (pF)
1,000
RECOMMENDED RANGE
120
°C
DT
MRD
×
k
--------------------
=
(EQ. 2)
(ns)
FIGURE 3. RD vs DEAD TIME (VDD = 12V)
2
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
120
140
160
RD (k
Ω)
Vclamp
Rcss Iss
=
(EQ. 3)
(V)
CSS
VDD
Iss
SHUTDOWN
400mV
+
-
SSL
(TO
BLANKING
CIRCUIT)
ERROR AMP
EAO
EAI
(–)
EANI
(+)
FIGURE 4. SIMPLIFIED CLAMP/SOFT-START
RCSS
(See Fig. 9)
ISL6551


Similar Part No. - ISL6551IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IB INTERSIL-ISL6551IB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551IB-T INTERSIL-ISL6551IB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6551IBZ RENESAS-ISL6551IBZ Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
More results

Similar Description - ISL6551IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
   ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
   ZVS Full Bridge PWM Controller
Nov 17, 2011
logo
Intersil Corporation
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
   ZVS Full Bridge PWM Controller
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
   ZVS Full-Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com