Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6219A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6219A
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6219A_07 Datasheet HTML 7Page - Intersil Corporation ISL6219A_07 Datasheet HTML 8Page - Intersil Corporation ISL6219A_07 Datasheet HTML 9Page - Intersil Corporation ISL6219A_07 Datasheet HTML 10Page - Intersil Corporation ISL6219A_07 Datasheet HTML 11Page - Intersil Corporation ISL6219A_07 Datasheet HTML 12Page - Intersil Corporation ISL6219A_07 Datasheet HTML 13Page - Intersil Corporation ISL6219A_07 Datasheet HTML 14Page - Intersil Corporation ISL6219A_07 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN9093.1
March 20, 2007
The frequency select/enable input (FS/EN) has a 1V threshold
which must be exceeded before the internal oscillator begins
running. An external enable signal should be used to control the
gate of an external MOSFET tied to the FS/EN pin, see Figure
8. This MOSFET must pull FS/EN below the 1V threshold to
disable the controller. When enabling the controller, this
external enable circuit must release the FS/EN pin to float to the
designed 1.23V level.
The 11111 VID code is reserved as a signal to the controller
that no load is present. The controller will enter shut-down
mode after receiving this code and will start up upon
receiving any other code.
To enable the controller, VCC must be greater than the POR
threshold; FS/EN must be greater than 1V; and VID cannot
be equal to 11111. Once these conditions are true, the
controller immediately initiates a soft start sequence.
SOFT-START
After the POR function is completed with VCC reaching
4.38V, the soft-start sequence is initiated. Soft-Start, by its
slow rise of CORE voltage from zero, avoids an over-current
condition by slowly charging the output capacitors. This
voltage rise is initiated by an internal DAC that slowly raises
the reference voltage to the error amplifier input. The voltage
rise is controlled by the oscillator frequency and the DAC
within the controller, therefore, the output voltage is
effectively regulated as it rises to the final programmed
CORE voltage value.
For the first 32 PWM switching cycles, the DAC output
remains inhibited and the PWM outputs remain in a
high-impedance state. From the 33rd cycle and for another,
approximately 150 cycles the PWM output remains low,
clamping the lower output MOSFETs to ground. The time
variability is due to the error amplifier, sawtooth generator and
comparators moving into their active regions. After this short
interval, the PWM outputs are enabled and increment the
PWM pulse width from zero duty cycle to operational pulse
width, thus allowing the output voltage to slowly reach the
CORE voltage. The CORE voltage will reach its programmed
value before the 2048 cycles, but the PGOOD output will not
be initiated until the 2048th PWM switching cycle.
The soft-start time, tSS, is determined by an 11-bit counter
that increments with every pulse of the phase clock. For
example, a converter switching at 300kHz has a soft-start
time of :
Figure 9 shows the waveforms when the regulator is
operating at 300kHz. Note that the soft-start duration is a
function of the Channel Frequency as explained previously.
DYNAMIC VID
The ISL6219A is capable of executing on-the-fly
output-voltage changes. At the beginning of the phase-1
switching cycle (defined in the section entitled PWM
Operation), the ISL6219A checks for a change in the VID
code. The VID code is the bit pattern present at pins
VID4-VID0 as outlined in Voltage Regulation. If the new
code remains stable for another full cycle, the ISL6219A
begins incrementing the reference by making 25mV change
every two switching cycles until it reaches the new VID code.
Since the ISL6219A recognizes VID-code changes only at
the beginning of a switching cycle, up to one full cycle may
pass before a VID change registers. This is followed by a
one-cycle wait before the output voltage begins to change.
Thus, the total time required for a VID change, tDV, is
dependent on the switching frequency (fS), the size of the
change (
ΔVID), and the time before the next switching cycle
begins. The one-cycle uncertainty in Equation 6 is due to the
possibility that the VID code change may occur up to one full
cycle before being recognized. The time required for a
converter running with fS = 500kHz to make a 1.5V to 1.7V
reference-voltage change is between 30
μs and 32μs as
calculated using Equation 6. This example is also illustrated
in Figure 10.
FIGURE 8. EXTERNAL ENABLE SIGNAL CIRCUIT
EXTERNAL CIRCUIT
FS/EN
+
-
1.23V
-
+
VCC
S1
ENABLE
SIGNAL
T
SS
211
f
SW
----------
2048
300kHz
---------------------
6.8ms
==
=
(EQ. 5)
FIGURE 9. START-UP OF 3 PHASE SYSTEM OPERATING AT
300kHz
1ms/div
0V
0V
VCORE, 1V/div
0V
PGOOD, 5V/div
FS/EN, 2V/div
SS Interval
0V
VCOMP, 1V/div
ISL6219A


Similar Part No. - ISL6219A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACA RENESAS-ISL6219ACA Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACA-T INTERSIL-ISL6219ACA-T Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACAZ RENESAS-ISL6219ACAZ Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com