Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6219ACAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6219ACAZ
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219ACAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6219ACAZ Datasheet HTML 4Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 5Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 6Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 7Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 8Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 9Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 10Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 11Page - Intersil Corporation ISL6219ACAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN9093.1
March 20, 2007
The converter depicted in Figure 3 delivers 36A to a 1.5V
load from a 12V input. The RMS input capacitor current is
5.9A. Compare this to a single-phase converter also down
12V to 1.5V at 36A. The single-phase converter has 11.9A
rms input capacitor current. The single-phase converter
must use an input capacitor bank with twice the RMS current
capacity as the equivalent three-phase converter.
Figures 14 and 15 in the section entitled can be used to
determine the input-capacitor rms current based on load
current, duty cycle, and the number of active channels. They
are provided as aids in determining the optimal input
capacitor solution. Figure 16 shows the single phase input-
capacitor rms current for comparisson.
PWM OPERATION
The number of active channels selected determines the
timing for each channel. By default, the timing mode for the
ISL6219A is 3-phase. The designer can select 2-phase
timing by connecting PWM3 to VCC.
One switching cycle for the ISL6219A is defined as the time
between PWM1 pulse termination signals (the internal signal
that initiates a falling edge on PWM1). The cycle time is the
inverse of the switching frequency selected by the resistor
connected between the FS/EN pin and ground (see
Switching Frequency). Each cycle begins when a clock signal
commands the channel-1 PWM output to go low. This
signals the channel-1 MOSFET driver to turn off the channel-
1 upper MOSFET and turn on the channel-1 synchronous
MOSFET. If two-channel operation is selected, the PWM2
pulse terminates 1/2 of a cycle later. If three channels are
selected the PWM2 pulse terminates 1/3 of a cycle after
PWM1, and the PWM3 output will follow after another 1/3 of
a cycle.
Once a channel’s PWM pulse terminates, it remains low for
a minimum of 1/4 cycle. This forced off time is required to
assure an accurate current sample as described in Current
Sensing. Following the 1/4-cycle forced off time, the
controller enables the PWM output. Once enabled, the PWM
output transitions high when the sawtooth signal crosses the
adjusted error-amplifier output signal, VCOMP as illustrated
in Figures 1 and 5. This is the signal for the MOSFET driver
to turn off the synchronous MOSFET and turn on the upper
MOSFET. The output will remain high until the clock signals
the beginning of the next cycle by commanding the PWM
pulse to terminate.
CURRENT SENSING
Intersil multi-phase controllers sense current by sampling the
voltage across the lower MOSFET during its conduction
interval. MOSFET rDS(ON) sensing is a no-added-cost
method to sense current for load-line regulation, channel-
current balance, module current sharing, and overcurrent
protection. If desired, an independent current-sense resistor
in series with the lower-MOSFET source can serve as a
sense element in place of the MOSFET rDS(ON).
The ISEN input for each channel uses a ground-referenced
amplifier to reproduce a signal proportional to the channel
current (Figure 4). After sufficient settling time, the sensed
current is sampled, and the sample is used for current
balance, load-line regulation and overcurrent protection. The
ISL6219A samples channel current once each cycle.
Figure 4 shows how the sampled current, In, is created from
the channel current IL. The circuitry in Figure 4 represents
the current measurement and sampling circuitry for channel
n in an N-channel converter. This circuitry is repeated for
each channel in the converter but will not be active in
unused channels.
CHANNEL-CURRENT BALANCE
Another benefit of multi-phase operation is the thermal
advantage gained by distributing the dissipated heat over
multiple devices and greater area. By doing this, the
designer avoids the complexity of driving multiple parallel
MOSFETs and the expense of using expensive heat sinks
and exotic magnetic materials.
In order to fully realize the thermal advantage, it is important
that each channel in a multi-phase converter be controlled to
deliver about the same current at any load level. Intersil
multi-phase controllers guarantee current balance by
comparing each channel’s current to the average current
delivered by all channels and making an appropriate
adjustment to each channel’s pulse width based on the error.
Intersil’s patented current-balance method is illustrated in
Figure 5 where the average of the 2 or 3 sampled channel
currents combines with the channel 1 sample, I1, to create
an error signal IER. The filtered error signal modifies the
pulse width commanded by VCOMP to correct any
unbalance and force IER toward zero.
FIGURE 4. INTERNAL AND EXTERNAL CURRENT-SENSING
CIRCUITRY
In
I
SEN
I
L
r
DS ON
()
R
ISEN
--------------------------
=
-
+
ISEN(n)
RISEN
SAMPLE
&
HOLD
ISL6219A INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
I
L
r
DS ON
()
IL
ISL6219A


Similar Part No. - ISL6219ACAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6219ACAZ RENESAS-ISL6219ACAZ Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219ACAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com