Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6227IAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6227IAZ
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6227IAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6227IAZ Datasheet HTML 1Page - Intersil Corporation ISL6227IAZ Datasheet HTML 2Page - Intersil Corporation ISL6227IAZ Datasheet HTML 3Page - Intersil Corporation ISL6227IAZ Datasheet HTML 4Page - Intersil Corporation ISL6227IAZ Datasheet HTML 5Page - Intersil Corporation ISL6227IAZ Datasheet HTML 6Page - Intersil Corporation ISL6227IAZ Datasheet HTML 7Page - Intersil Corporation ISL6227IAZ Datasheet HTML 8Page - Intersil Corporation ISL6227IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN9094.4
December 21, 2006
Typical Operation Performance
FIGURE 1. EFFICIENCY OF CHANNEL 1, 2.5V,
HYS/PWM MODE
FIGURE 2. EFFICIENCY OF CHANNEL 2, 1.8V,
HYS/PWM MODE
FIGURE 3. OUTPUT VOLTAGE OF CHANNEL 1 vs LOAD
FIGURE 4. OUTPUT VOLTAGE OF CHANNEL 2 vs LOAD
FIGURE 5. SWITCHING FREQUENCY OVER TEMPERATURE
FIGURE 6. REFERENCE VOLTAGE ACCURACY OVER
TEMPERATURE
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT (A)
EFF@ 5V
EFF@ 12V
EFF@ 19.5V
EFF@ 5V, PWM
EFF@ 12V, PWM
EFF@ 19.5V, PWM
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT (A)
EFF@ 5V
EFF@ 12V
EFF@ 19.5V
EFF@ 5V, PWM
EFF@ 12V, PWM
EFF@ 19.5V, PWM
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
012
34
5
LOAD CURRENT (A)
Vout @ 5V
Vout @ 12V
Vout @ 19.5V
Vout @ 5V, PWM
Vout @ 12V, PWM
Vout @ 19.5V, PWM
1.78
1.79
1.8
1.81
1.82
1.83
01
2
3
4
5
LOAD CURRENT (A)
Vout @ 5V
Vout @ 12V
Vout @ 19.5V
Vout @ 5V, PWM
Vout @ 12V, PWM
Vout @ 19.5V, PWM
286
288
290
292
294
296
298
300
302
304
306
308
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Frequency Mean
75% Quantile
25% Quantile
0.8975
0.898
0.8985
0.899
0.8995
0.9
0.9005
0.901
0.9015
0.902
0.9025
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
75% Quantile
Vref Mean
25% Quantile
ISL6227


Similar Part No. - ISL6227IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227IAZ INTERSIL-ISL6227IAZ Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227IAZ RENESAS-ISL6227IAZ Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com