Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6292
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6292 Datasheet HTML 4Page - Intersil Corporation ISL6292 Datasheet HTML 5Page - Intersil Corporation ISL6292 Datasheet HTML 6Page - Intersil Corporation ISL6292 Datasheet HTML 7Page - Intersil Corporation ISL6292 Datasheet HTML 8Page - Intersil Corporation ISL6292 Datasheet HTML 9Page - Intersil Corporation ISL6292 Datasheet HTML 10Page - Intersil Corporation ISL6292 Datasheet HTML 11Page - Intersil Corporation ISL6292 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN9105.8
November 14, 2006
Pin Description
VIN (Pin 1, 15, 16 for 4x4, 5x5; Pin 1 for 3x3)
VIN is the input power source. Connect to a wall adapter.
Fault (Pin 2)
FAULT is an open-drain output indicating fault status. This
pin is pulled to LOW under any fault conditions.
Status (Pin 3)
STATUS is an open-drain output indicating charging and
inhibit states. The STATUS pin is pulled LOW when the
charger is charging a battery.
Time (Pin 4)
The TIME pin determines the oscillation period by
connecting a timing capacitor between this pin and GND.
The oscillator also provides a time reference for the charger.
GND (Pin 5)
GND is the connection to system ground.
TOEN (Pin 6 for 4x4, 5x5; N/A for 3x3)
TOEN is the TIMEOUT enable input pin. Pulling this pin to
LOW disables the TIMEOUT charge-time limit for the fast
charge modes. Leaving this pin HIGH or floating enables the
TIMEOUT limit.
EN (Pin 7 for 4x4, 5x5; Pin 6 for 3x3)
EN is the enable logic input. Connect the EN pin to LOW to
disable the charger or leave it floating to enable the charger.
V2P8 (Pin 8 for 4x4, 5x5; Pin 7 for 3x3)
This is a 2.8V reference voltage output. This pin outputs a
2.8V voltage source when the input voltage is above POR
threshold and outputs zero otherwise. The V2P8 pin can be
used as an indication for adapter presence.
IREF (Pin 9 for 4x4, 5x5; Pin 8 for 3x3)
This is the programming input for the constant charging
current.
IMIN (Pin 10 for 4x4, 5x5; N/A for 3x3)
IMIN is the programmable input for the end-of-charge
current.
TEMP (Pin 11 for 4x4, 5x5; Pin 9 for 3x3)
TEMP is the input for an external NTC thermistor. The TEMP
pin is also used for battery removal detection.
VBAT (Pin 12, 13, 14 for 4x4, 5x5; Pin 10 for 3x3)
VBAT is the connection to the battery. Typically a 10
μF
Tantalum capacitor is needed for stability when there is no
battery attached. When a battery is attached, only a 0.1
μF
ceramic capacitor is required.
Typical Applications
V2P8
EN
GND
VBAT
IREF
FAULT
VIN
5V Wall
Adapter
Battery
Pack
IMIN
TEMP
STATUS
TIME
ISL6292
V2P8
TOEN
T
C
1
F
μ
1
1k
Ω
R
1
1k
Ω
R
2
C
2
1 F
μ
R
T
R
U
F
μ
1
C
3
R
IREF
Ω
k
80
C
TIME
nF
15
D
1
D
2
R
IMIN
Ω
k
80
Typical Application Circuit For 4x4 or 5x5 QFN Package Options
ISL6292


Similar Part No. - ISL6292

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292 INTERSIL-ISL6292 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
302Kb / 6P
   ISL6292EVAL2 Evaluation Board
ISL6292 INTERSIL-ISL6292 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
More results

Similar Description - ISL6292

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com