Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6144IV Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6144IV
Description  High Voltage ORing MOSFET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6144IV Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6144IV Datasheet HTML 1Page - Intersil Corporation ISL6144IV Datasheet HTML 2Page - Intersil Corporation ISL6144IV Datasheet HTML 3Page - Intersil Corporation ISL6144IV Datasheet HTML 4Page - Intersil Corporation ISL6144IV Datasheet HTML 5Page - Intersil Corporation ISL6144IV Datasheet HTML 6Page - Intersil Corporation ISL6144IV Datasheet HTML 7Page - Intersil Corporation ISL6144IV Datasheet HTML 8Page - Intersil Corporation ISL6144IV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
FN9131.3
February 15, 2007
Pinouts
ISL6144
(16 LD TSSOP)
TOP VIEW
ISL6144
(20 LD 5x5 QFN)
TOP VIEW
GATE
VIN
HVREF
NC
NC
NC
NC
NC
NC
NC
NC
VSET
COMP
FAULT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VOUT
GND
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
VIN
HVREF
NC
NC
NC
VOUT
COMP
VSET
NC
NC
Pin Descriptions
TSSOP
PIN #
QFN
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
19
GATE
External FET Gate Drive
Allows active control of external N-Channel FET gate to perform ORing
function.
21
VIN
Power Supply Connection
Chip bias input. Also provides a sensing node for external FET control.
3
2
HVREF
Chip High Voltage Reference
Low side of floating high voltage reference for all of the HV chip circuitry.
8
7
GND
Chip Ground Reference
Chip ground reference point.
99
FAULT
Fault Output
Provides an open drain active low output as an indication that a fault has
occurred: GATE is OFF (GATE <
VIN + 0.37V) or other types of faults
resulting in
VIN - VOUT > 0.41V.
14
13
VSET
Low Side Connection for Trip Level Resistor connected to COMP provides adjustable “Vd-Vs” trip level along
with pin COMP.
15
14
COMP
High Side Connection for HS
Comparator Trip Level
Resistor connected to VOUT provides sense point for the adjustable Vd-Vs
trip level along with pin VSET.
16
15
VOUT
Chip Bias and Load Connection
Provides the second sensing node for external FET control and chip output
bias.
4-7,
10-13
3-6, 8,
10-12,
16-18, 20
NC
No Connection
ISL6144


Similar Part No. - ISL6144IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Renesas Technology Corp
ISL6144IVZA RENESAS-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
More results

Similar Description - ISL6144IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
   40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com