Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6214DR65J Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6214DR65J
Description  CMOS Low Power Consumption
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214DR65J Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6214DR65J Datasheet HTML 7Page - Torex Semiconductor XC6214DR65J Datasheet HTML 8Page - Torex Semiconductor XC6214DR65J Datasheet HTML 9Page - Torex Semiconductor XC6214DR65J Datasheet HTML 10Page - Torex Semiconductor XC6214DR65J Datasheet HTML 11Page - Torex Semiconductor XC6214DR65J Datasheet HTML 12Page - Torex Semiconductor XC6214DR65J Datasheet HTML 13Page - Torex Semiconductor XC6214DR65J Datasheet HTML 14Page - Torex Semiconductor XC6214DR65J Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
XC6214
Series
OPERATIONAL EXPLANATION
<Output Voltage Regulator Control>
The voltage, divided by resistors R1 & R2, which are connected to the VOUT pin is compared with the internal reference
voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the
subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by negative feedback. The
current limit circuit and over current protection operate in relation to the level of output current and heat.
<Low ESR Capacitors>
With the XC6214 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase
compensation circuit is built-in to the regulator. In order to ensure the stability of the load transient response and line
transient response, we suggest that an output capacitor (CL) be connected as close as possible, between the output pin
(VOUT) and the VSS pin. Please use an output capacitor (CL) with a capacitance more than 0.1μF. We also suggest an
input capacitor (CIN) of 0.1μF: this should be connected between VIN and VSS in order to stabilize input power source.
<Current Limiter, Short-Circuit Protection>
The XC6214 series regulator offers a combination of current limit and circuit protection by means of a built-in fixed
current limiter circuit and a foldback circuit. When the output pin is shorted, a current of about 50mA flows.
<Thermal Shutdown>
When the junction temperature of the built-in driver transistor reaches the temperature limit level (150℃ TYP.), the
thermal shutdown circuit operates and the driver transistor will be set to OFF. The thermal shutdown function will be
released (automatically recovered) when the junction temperature decreases to the thermal shutdown release
temperature level (125℃ TYP.) and the IC re-starts the operation.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
4. Output voltage may increase when the IC is used at light load current (around 0 to 2uA) depending on temperature
conditions, etc.
VOUT
VIN
VSS
Current Limit
Thermal
Shutdown
+
-
Voltage
Reference


Similar Part No. - XC6214DR65J

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P122JL TOREX-XC6214P122JL Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122JR TOREX-XC6214P122JR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122ML TOREX-XC6214P122ML Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
XC6214P122MR TOREX-XC6214P122MR Datasheet
395Kb / 26P
   500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
More results

Similar Description - XC6214DR65J

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com