Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6144IR Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6144IR
Description  High Voltage ORing MOSFET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6144IR Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6144IR Datasheet HTML 9Page - Intersil Corporation ISL6144IR Datasheet HTML 10Page - Intersil Corporation ISL6144IR Datasheet HTML 11Page - Intersil Corporation ISL6144IR Datasheet HTML 12Page - Intersil Corporation ISL6144IR Datasheet HTML 13Page - Intersil Corporation ISL6144IR Datasheet HTML 14Page - Intersil Corporation ISL6144IR Datasheet HTML 15Page - Intersil Corporation ISL6144IR Datasheet HTML 16Page - Intersil Corporation ISL6144IR Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
FN9131.3
February 15, 2007
Using the ISL6144EVAL1 High Voltage
ORing MOSFET Controller Evaluation
Board
In a multiple supply, fault tolerant, redundant power
distribution system, paralleled power supplies contribute
equally to the load current through various power sharing
schemes. Regardless of the scheme, a common design
practice is to include discrete ORing power diodes to protect
against reverse current flow should one of the power
supplies develop a catastrophic output short to ground. In
addition, reverse current can occur if the current sharing
scheme fails and an individual power supply voltage falls
significantly below the others.
Although the discrete ORing diode solution has been used
for some time and is inexpensive to implement, it has some
drawbacks. The primary downside is the increased power
dissipation loss in the ORing diodes as power requirements
for systems increase. In some systems this lack of efficiency
results in a cost that surpasses the cost of the ISL6144 and
power FET implementation. The power loss across a typical
ORing diode with 20A is about 10W. Many diodes will be
paralleled to help distribute the heat. In comparison, a FET
with 5m
Ω on-resistance dissipates 2W, which constitutes an
80% reduction. When multiplied by the number of paralleled
supplies, the power savings are significant. Another
disadvantage when using an ORing diode would be failure to
detect a shorted or open ORing diode, jeopardizing power
system reliability. An open diode reduces the system to a
single point of failure while a diode short might pose a
hazard to technical personnel servicing the system while
unaware of this failure.
The ISL6144 ORing MOSFET Controller and a suitably
sized N-Channel power MOSFET(s) increase power
distribution efficiency and availability when replacing a
power ORing diode in high current applications. It can be
used in +10V to +75V systems and has an internal charge
pump to provide a floating gate drive for the N-Channel
ORing MOSFET.
The input/output differential trip point “VOUT - VIN” can be
programmed by two external resistors (R1, R2 or R6, R7).
This trip point can be adjusted to avoid false gate trip off due
to power supply noise.
The high speed comparator action protects the common bus
from being affected due to individual power supply shorts by
turning off the ORing MOSFET of the shorted feed in less
than 300ns (when using an ORing MOSFET with equivalent
gate to source capacitance equal to 39nF).
The Hysteretic Regulating (HR) Amplifier provides a slow
turn-off of the ORing MOSFET. This turn-off is achieved in
less than 100
μs when one of the sourcing power supplies is
shutdown slowly for system diagnostics, ensuring zero
reverse current. This slow turn-off mechanism also reacts to
output voltage droop, degradation, or power-down.
A circuit fault condition is indicated on an open drain FAULT
pin. The fault detection circuitry covers different types of
failures; including dead short in the sourcing supply, a dead-
short of any two ORing MOSFET terminals, or a blown fuse
in the power distribution path.
Typical Application
Related Literature
• TB389 (PCB Land Pattern Design and Surface Mount
Guidelines for QFN (MLFP) Packages)
• Manufacturer’s MOSFET data sheets
DC/DC
VIN
HVREF
FAULT GND
VOUT
COMP
VSET
VPU
ISL6144
C1
R3
C2
R1
R2
GATE
1
Q1
VOUT
VIN1
10V TO 75V
CS
C6*
C5*
LED1
RED
DC/DC
VIN
HVREF
FAULT GND
VOUT
COMP
VSET
VPU
ISL6144
C3
C4
R6
R7
GATE
2
Q1
VIN2
10V TO 75V
C8*
C7*
LED2
RED
PS_1
PS_2
U2
U1
C3 = C4 = 10nF (10V)
C5* TO C8* = 100nF *(100V) Optional Decoupling Caps
R1 = R6 = 499Ω (5%)
R3 = R4 = 1.21kΩ (5%)
R2 = R7 = 47.5kΩ (5%)
C1 = C2 = 150nF (10V)
R4
- VPU is an external pull up voltage source. Also, VOUT can be
used as the pull up source. In this case if it is higher than 16V,
use a zener diode from the FAULT pin to GND with a clamping
- LED1, LED2 are red LEDs to indicate a fault, different interfaces
are possible to the FAULT pin.
voltage less than the rating of the FAULT pin which is 16V.
ISL6144


Similar Part No. - ISL6144IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Renesas Technology Corp
ISL6144IRZA RENESAS-ISL6144IRZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
More results

Similar Description - ISL6144IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
   40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com