Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-2CR3Z-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6292-2CR3Z-T
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-2CR3Z-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6292-2CR3Z-T Datasheet HTML 7Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 8Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 9Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 10Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 11Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 12Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 13Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 14Page - Intersil Corporation ISL6292-2CR3Z-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN9105.8
November 14, 2006
maximum power the IC is capable of dissipating is
dependent on the thermal impedance of the printed-circuit
board (PCB). Figure 17 shows, with dotted lines, two cases
that the charge currents are limited by the maximum power
dissipation capability due to the thermal foldback.
When using a current-limited adapter, the thermal situation
in the ISL6292 is totally different. Figure 18 shows the typical
charge curves when a current-limited adapter is employed.
The operation requires the IREF to be programmed higher
than the limited current ILIM of the adapter, as shown in
Figure 18. The key difference of the charger operating under
such conditions occurs during the CC mode.
The Block Diagram, Figure 16, aids in understanding the
operation. The current loop consists of the current amplifier
CA and the sense MOSFET QSEN. The current reference IR
is programmed by the IREF pin. The current amplifier CA
regulates the gate of the sense MOSFET QSEN so that the
sensed current ISEN matches the reference current IR. The
main MOSFET QMAIN and the sense MOSFET QSEN form a
current mirror with a ratio of 100,000:1, that is, the output
charge current is 100,000 times IR. In the CC mode, the
current loop tries to increase the charge current by
enhancing the sense MOSFET QSEN, so that the sensed
current matches the reference current. On the other hand,
the adapter current is limited, the actual output current will
never meet what is required by the current reference. As a
result, the current error amplifier CA keeps enhancing the
QSEN as well as the main MOSFET QMAIN, until they are
fully turned on. Therefore, the main MOSFET becomes a
power switch instead of a linear regulation device. The
power dissipation in the CC mode becomes:
where rDS(ON) is the resistance when the main MOSFET is
fully turned on. This power is typically much less than the
peak power in the traditional linear mode.
The worst power dissipation when using a current-limited
adapter typically occurs at the beginning of the CV mode, as
shown in Figure 18. The Equation 1 applies during the CV
mode. When using a very small PCB whose thermal
impedance is relatively large, it is possible that the internal
temperature can still reach the thermal foldback threshold. In
that case, the IC is thermally protected by lowering the
charge current, as shown with the dotted lines in the charge
current and power curves. Appropriate design of the adapter
can further reduce the peak power dissipation of the
ISL6292. See the Application Information section for more
information.
Figure 19 illustrates the typical signal waveforms for the
linear charger from the power-up to a recharge cycle. More
detailed Applications Information is given below.
Applications Information
Power on Reset (POR)
The ISL6292 resets itself as the input voltage rises above
the POR rising threshold. The V2P8 pin outputs a 2.8V
voltage, the internal oscillator starts to oscillate, the internal
timer is reset, and the charger begins to charge the battery.
The two indication pins, STATUS and FAULT, indicate a
LOW and a HIGH logic signal respectively. Figure 19
illustrates the start up of the charger between t0 to t2.
The ISL6292 has a typical rising POR threshold of 3.4V and
a falling POR threshold of 2.4V. The 2.4V falling threshold
guarantees charger operation with a current-limited adapter
to minimize the thermal dissipation.
Charge Cycle
A charge cycle consists of three charge modes: trickle mode,
constant current (CC) mode, and constant voltage (CV)
mode. The charge cycle always starts with the trickle mode
until the battery voltage stays above VMIN (2.8V typical) for
15 consecutive cycles of the internal oscillator. If the battery
voltage drops below VMIN during the 15 cycles, the 15-cycle
counter is reset and the charger stays in the trickle mode.
The charger moves to the CC mode after verifying the
battery voltage. As the battery-pack terminal voltage rises to
the final charge voltage VCH, the CV mode begins. The
terminal voltage is regulated at the constant VCH in the CV
mode and the charge current is expected to decline. After
the charge current drops below IMIN (programmable for the
4x4 and 5X5 package and programmed to 1/10 of IREF for
the 3x3 package, see End-of-Charge Current for more
detail), the ISL6292 indicates the end-of-charge (EOC) with
the STATUS pin. The charging actually does not terminate
until the internal timer completes its length of TIMEOUT in
order to bring the battery to its full capacity. Signals in a
charge cycle are illustrated in Figure 19 between points t2 to
t5.
P
CH
R
DS ON
() ICHARGE
2
=
(EQ. 2)
FIGURE 19. OPERATION WAVEFORMS
VIN
V2P8
STATUS
FAULT
VBAT
I
CHARGE
15 Cycles to
1/8 TIMEOUT
15 Cycles
POR Threshold
2.8V V
MIN
V
RECHRG
t
0
t
1 t2 t3
t
4
t
5
t
6 t7
t
8
Charge Cycle
Charge Cycle
I
MIN
ISL6292


Similar Part No. - ISL6292-2CR3Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-2CR3Z-T INTERSIL-ISL6292-2CR3Z-T Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292-2CR3Z-T RENESAS-ISL6292-2CR3Z-T Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results

Similar Description - ISL6292-2CR3Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com