Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208IR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6208IR
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208IR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6208IR Datasheet HTML 2Page - Intersil Corporation ISL6208IR Datasheet HTML 3Page - Intersil Corporation ISL6208IR Datasheet HTML 4Page - Intersil Corporation ISL6208IR Datasheet HTML 5Page - Intersil Corporation ISL6208IR Datasheet HTML 6Page - Intersil Corporation ISL6208IR Datasheet HTML 7Page - Intersil Corporation ISL6208IR Datasheet HTML 8Page - Intersil Corporation ISL6208IR Datasheet HTML 9Page - Intersil Corporation ISL6208IR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN9115.2
March 30, 2007
ISL6208
Package Outline Drawing
L8.3x3
8 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 3/07
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
(4X)
0.15
6
INDEX AREA
PIN 1
3.00
B
A
3
5
4
8X 0.60 ± 0.15
2
C
8X 0.28 ± 0.05
M
4
0.10
B
A
0.65
4X
8
7
6
PIN #1 INDEX AREA
6
1 .10 ± 0 . 15
1
0 . 90 ± 0.1
SEE DETAIL "X"
BASE PLANE
SEATING PLANE
0.10
0.08
C
C
C
C
0 . 05 MAX.
0 . 2 REF
0 . 00 MIN.
5
( 2. 60 TYP )
(
1. 10 )
( 8X 0 . 80)
( 8X 0 . 28 )
( 4X 0 . 65 )


Similar Part No. - ISL6208IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208IR INTERSIL-ISL6208IR Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com