Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-1CR5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6292-1CR5
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-1CR5 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6292-1CR5 Datasheet HTML 1Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 2Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 3Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 4Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 5Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 6Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 7Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 8Page - Intersil Corporation ISL6292-1CR5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN9105.8
November 14, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Output Pin Voltage (BAT) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Signal Input Voltage (TOEN, TIME, IREF, IMIN) . . . . . . -0.3 to 3.2V
Output Pin Voltage (STATUS, FAULT) . . . . . . . . . . . . . . . . -0.3 to 7V
Charge Current (For 4x4 or 5x5 QFN Packages) . . . . . . . . . . . 2.1A
Charge Current (For 3x3 DFN Package) . . . . . . . . . . . . . . . . . 1.6A
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-20°C to +70°C
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6.5V
Thermal Resistance (Junction to Ambient)
θJA (°C/W) θJC (°C/W)
5x5 QFN Package (Notes 1, 2) . . . . . .
34
4
4x4 QFN Package (Notes 1, 2) . . . . . .
41
4
3x3 DFN Package (Notes 1, 2) . . . . . .
46
4
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Constantly operated at +150°C may shorten the life of the part.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and +25°C Ambient Temperature, maximum and minimum values are
guaranteed over 0°C to +70°C Ambient Temperature with a supply voltage in the range of 4.3V to 6.5V, unless
otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
3.0
3.4
4.0
V
Falling VIN Threshold
2.25
2.4
2.65
V
STANDBY CURRENT
VBAT Pin Sink Current
ISTANDBY
VIN floating or EN = LOW
-
-
3.0
μA
VIN Pin Supply Current
IVIN
VBAT floating and EN pulled low
-
30
-
μA
VIN Pin Supply Current
IVIN
VBAT floating and EN floating
-
1
-
mA
VOLTAGE REGULATION
Output Voltage
VCH
ISL6292-1
4.059
4.10
4.141
V
Output Voltage
VCH
ISL6292-2
4.158
4.20
4.242
V
Dropout Voltage
VBAT = 3.7V, 0.5A, 4X4 or 5X5 package
-
140
-
mV
Dropout Voltage
VBAT = 3.7V, 0.5A, 3X3 package
-
175
-
mV
CHARGE CURRENT
Constant Charge Current
ICHARGE
RIREF = 80kΩ, VBAT = 3.7V
0.9
1.0
1.1
A
Trickle Charge Current
ITRICKLE
RIREF = 80kΩ, VBAT = 2.0V
-
110
-
mA
Constant Charge Current
ICHARGE
IREF Pin Voltage > 1.2V, VBAT = 3.7V
400
450
520
mA
Trickle Charge Current
ITRICKLE
IREF Pin Voltage > 1.2V, VBAT = 2.0V
-
45
-
mA
Constant Charge Current
ICHARGE
IREF Pin Voltage < 0.4V, VBAT = 3.7V
-
-
100
mA
Trickle Charge Current
ITRICKLE
IREF Pin Voltage < 0.4V, VBAT = 2.0V
-
10
-
mA
End-of-Charge Threshold
RIMIN = 80kΩ
85
110
135
mA
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHRG
ISL6292-2
-
4.0
-
V
Recharge Voltage Threshold
VRECHRG
ISL6292-1
-
3.90
-
V
ISL6292


Similar Part No. - ISL6292-1CR5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-1CR5 INTERSIL-ISL6292-1CR5 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR5 INTERSIL-ISL6292-1CR5 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR5 INTERSIL-ISL6292-1CR5 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
logo
Renesas Technology Corp
ISL6292-1CR5 RENESAS-ISL6292-1CR5 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292-1CR5-T INTERSIL-ISL6292-1CR5-T Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292-1CR5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com