Electronic Components Datasheet Search |
|
ISL6613CBZ Datasheet(PDF) 8 Page - Intersil Corporation |
|
ISL6613CBZ Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 12 page 8 FN9153.8 February 26, 2007 This feature helps prevent a negative transient on the output voltage when the output is shut down, eliminating the Schottky diode that is used in some systems for protecting the load from reversed output voltage events. In addition, more than 400mV hysteresis also incorporates into the three-state shutdown window to eliminate PWM input oscillations due to the capacitive load seen by the PWM input through the body diode of the controller’s PWM output when the power-up and/or power-down sequence of bias supplies of the driver and PWM controller are required. Power-On Reset (POR) Function During initial startup, the VCC voltage rise is monitored. Once the rising VCC voltage exceeds 9.8V (typically), operation of the driver is enabled and the PWM input signal takes control of the gate drives. If VCC drops below the falling threshold of 7.6V (typically), operation of the driver is disabled. Pre-POR Overvoltage Protection Prior to VCC exceeding its POR level, the upper gate is held low and the lower gate is controlled by the overvoltage protection circuits during initial startup. The PHASE is connected to the gate of the low side MOSFET (LGATE), which provides some protection to the microprocessor if the upper MOSFET(s) is shorted during initial startup. For complete protection, the low side MOSFET should have a gate threshold well below the maximum voltage rating of the load/microprocessor. When VCC drops below its POR level, both gates pull low and the Pre-POR overvoltage protection circuits are not activated until VCC resets. Internal Bootstrap Device Both drivers feature an internal bootstrap schottky diode. Simply adding an external capacitor across the BOOT and PHASE pins completes the bootstrap circuit. The bootstrap function is also designed to prevent the bootstrap capacitor from overcharging due to the large negative swing at the trailing-edge of the PHASE node. This reduces voltage stress on the boot to phase pins. The bootstrap capacitor must have a maximum voltage rating above UVCC + 5V and its capacitance value can be chosen from the following equation: where QG1 is the amount of gate charge per upper MOSFET at VGS1 gate-source voltage and NQ1 is the number of control MOSFETs. The ΔV BOOT_CAP term is defined as the allowable droop in the rail of the upper gate drive. As an example, suppose two IRLR7821 FETs are chosen as the upper MOSFETs. The gate charge, QG, from the data sheet is 10nC at 4.5V (VGS) gate-source voltage. Then the QGATE is calculated to be 53nC for UVCC (i.e. PVCC in ISL6613, VCC in ISL6612) =12V. We will assume a 200mV droop in drive voltage over the PWM cycle. We find that a bootstrap capacitance of at least 0.267 μF is required. Gate Drive Voltage Versatility The ISL6612 and ISL6613 provide the user flexibility in choosing the gate drive voltage for efficiency optimization. The ISL6612 upper gate drive is fixed to VCC [+12V], but the lower drive rail can range from 12V down to 5V depending on what voltage is applied to PVCC. The ISL6613 ties the upper and lower drive rails together. Simply applying a voltage from 5V up to 12V on PVCC sets both gate drive rail voltages simultaneously. Over-Temperature Protection (OTP) When the junction temperature of the IC exceeds +150°C (typically), both upper and lower gates turn off. The driver stays off and does not return to normal operation until its junction temperature comes down below +108°C (typically). For high frequency applications, applying a lower voltage to PVCC helps reduce the power dissipation and lower the junction temperature of the IC. This method reduces the risk of tripping OTP. Power Dissipation Package power dissipation is mainly a function of the switching frequency (fSW), the output drive impedance, the external gate resistance, and the selected MOSFET’s internal gate resistance and total gate charge. Calculating the power dissipation in the driver for a desired application is critical to ensure safe operation. Exceeding the maximum allowable power dissipation level will push the IC beyond the maximum recommended operating junction temperature of +125°C. The C BOOT_CAP Q GATE ΔV BOOT_CAP -------------------------------------- ≥ Q GATE Q G1 UVCC • V GS1 ------------------------------------ N Q1 • = (EQ. 1) 50nC 20nC FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE VOLTAGE ΔV BOOT_CAP (V) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.3 0.0 0.1 0.2 0.4 0.5 0.6 0.9 0.7 0.8 1.0 QGATE = 100nC ISL6612, ISL6613 |
Similar Part No. - ISL6613CBZ |
|
Similar Description - ISL6613CBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |