Electronic Components Datasheet Search |
|
XC6214DR54K Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6214DR54K Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 23 page 8/23 XC6214 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*1) VIN=3.5V, IOUT=50mA 2.450 2.500 2.550 V ① Maximum Output Current IOUTmax VIN=3.5V, VOUT=VOUT(E)×0.93 500 - - mA ① Load Regulation △ VOUT VIN=3.5V, 1mA≦IOUT≦200mA - 20 50 mV ① Dropout Voltage (*2) Vdif IOUT=500mA - 600 900 mV ① Supply Current ISS VIN=3.5V - 8 15 μ A ② IOUT=50mA Line Regulation △ VOUT △ VIN・VOUT 3.5V≦VIN≦6.0V - 0.05 0.20 % / V ① Input Voltage VIN 1.8 - 6.0 V - Output Voltage IOUT=50mA Temperature Characteristics △ VOUT △ Topr・VOUT - 40℃≦Topr ≦85℃ - + 100 - ppm /℃ ① Short-Circuit Current Ilim VIN=3.5V, VOUT=0V - 50 - mA ① PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*1) VIN=4.0V, IOUT=50mA 2.940 3.000 3.060 V ① Maximum Output Current IOUTmax VIN=4.0V, VOUT=VOUT(E)×0.96 500 - - mA ① Load Regulation △ VOUT VIN=4.0V, 1mA≦IOUT≦200mA - 20 50 mV ① Dropout Voltage (*2) Vdif IOUT=500mA - 560 820 mV ① Supply Current ISS VIN=4.0V - 8 15 μ A ② IOUT=50mA Line Regulation △ VOUT △ VIN・VOUT 4.0V≦VIN≦6.0V - 0.05 0.20 % / V ① Input Voltage VIN 1.8 - 6.0 V - Output Voltage IOUT=50mA Temperature Characteristics △ VOUT △ Topr・VOUT - 40℃≦Topr ≦85℃ - + 100 - ppm /℃ ① Short-Circuit Current Ilim VIN=4.0V, VOUT=0V - 50 - mA ① ■ ELECTRICAL CHARACTERISTICS (Continued) ● XC6214P252 Ta=25 ℃ NOTE: *1: VOUT(E) : Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1 (*4) -VOUT1(*3) } *3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V} ● XC6214P302 Ta=25 ℃ NOTE: *1: VOUT(E) : Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.) *2: Vdif={VIN1 (*4) -VOUT1(*3) } *3: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *4: VIN1=The Input Voltage when VOUT1 appears as input voltage is gradually decreased. *5: Unless otherwise stated, {VIN=VOUT(T) +1.0V} |
Similar Part No. - XC6214DR54K |
|
Similar Description - XC6214DR54K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |