Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6293 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6293
Description  Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6293 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6293_06 Datasheet HTML 1Page - Intersil Corporation ISL6293_06 Datasheet HTML 2Page - Intersil Corporation ISL6293_06 Datasheet HTML 3Page - Intersil Corporation ISL6293_06 Datasheet HTML 4Page - Intersil Corporation ISL6293_06 Datasheet HTML 5Page - Intersil Corporation ISL6293_06 Datasheet HTML 6Page - Intersil Corporation ISL6293_06 Datasheet HTML 7Page - Intersil Corporation ISL6293_06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN9180.1
January 4, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (USB) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Supply Voltage (CRDL) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
Signal Input Voltage (EN, USBP, ICDL, IUSB, BAT) . . . . -0.3V to 7V
Open-Drain Pull-Up Voltage (PPR, CHG) . . . . . . . . . . . . -0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Supply Voltage (USB Pin) . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V
Supply Voltage (CRDL Pin) . . . . . . . . . . . . . . . . . . . . . . 4.3V to 24V
Typical Cradle Charge Current . . . . . . . . . . . . . . . . . . 300mA to 1A
Typical USB Charge Current . . . . . . . . . . . . . . . . 350mA to 450mA
Thermal Resistance
θJA (°C/W) θJC (°C/W)
3x3 DFN Package (Notes 1, 2) . . . . . .
46
4
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical Values Are Tested at USB = CRDL = 5V and ambient temperature is at 25°C, Unless Otherwise Noted.
All Maximum and Minimum Values Are Guaranteed Under the Recommended Operating Conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising USB/CRDL Threshold
3.4
3.7
4.0
V
Falling USB/CRDL Threshold
3.2
3.5
3.8
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the
comparator output (Note 3)
175
mV
Falling Edge
VOS
110
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY EN = HIGH or both inputs are floating
1.0
µA
CRDL Pin Supply Current
ICRDL
EN = HIGH
150
µA
USB Pin Supply Current
IUSB
150
250
µA
CRDL/USB Pin Supply Current
EN = LOW or floating
0.55
mA
VOLTAGE REGULATION
Output Voltage (Note 4)
VCH
Charge current = 20mA
4.158
4.2
4.242
V
CRDL PMOS On Resistance
VBAT = 3.8V, ICHARGER = 0.5A
700
m
USB PMOS On Resistance
VBAT = 3.8V, ICHARGER = 0.35A
700
m
CHARGE CURRENT (Note 5)
ICDL Pin Output Voltage
VICDL
VBAT = 3.8V
1.17
1.20
1.23
V
IUSB Pin Output Voltage
VIUSB
0.776
0.8
0.824
V
CRDL Input Constant Charge Current
ICHARGE RICDL = 1.82kΩ, VBAT = 3.8V
Valid for -10°C to 85°C
720
800
880
mA
CRDL Input Trickle Charge Current
ITRICKLE RICDL = 1.82kΩ, VBAT = 2.4V
Given as a percentage of the CRDL ICHARGE
Valid for -10°C to 85°C
9.2
13.2
17.2
%
USB Input Constant Charge Current
ICHARGE USBP = HIGH, RIUSB = 80kΩ, VBAT = 3.8V
380
440
500
mA
USB Input Trickle Charge Current (Note 4)
ITRICKLE USBP = HIGH, RIUSB = 80kΩ, VBAT = 2.4V
Given as a percentage of the USB HIGH
ICHARGE
8.0
10.0
12.0
%
ISL6293


Similar Part No. - ISL6293_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293-2CR INTERSIL-ISL6293-2CR Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CR RENESAS-ISL6293-2CR Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6293-2CR-T INTERSIL-ISL6293-2CR-T Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6293-2CR-T RENESAS-ISL6293-2CR-T Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6293-2CRZ INTERSIL-ISL6293-2CRZ Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6293_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com