Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6548 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6548
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6548_06 Datasheet HTML 2Page - Intersil Corporation ISL6548_06 Datasheet HTML 3Page - Intersil Corporation ISL6548_06 Datasheet HTML 4Page - Intersil Corporation ISL6548_06 Datasheet HTML 5Page - Intersil Corporation ISL6548_06 Datasheet HTML 6Page - Intersil Corporation ISL6548_06 Datasheet HTML 7Page - Intersil Corporation ISL6548_06 Datasheet HTML 8Page - Intersil Corporation ISL6548_06 Datasheet HTML 9Page - Intersil Corporation ISL6548_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN9188.2
January 3, 2006
Functional Pin Description
5VSBY (Pin 1)
5VSBY is the bias supply of the ISL6548. It is typically
connected to the 5V standby rail of an ATX power supply.
During S4/S5 sleep states the ISL6548 enters a reduced
power mode and draws less than 1mA (ICC_S5) from the
5VSBY supply. The supply to 5VSBY should be locally
bypassed using a 0.1
µF capacitor.
P12V (Pin 3)
The VTT regulation circuit and the Linear Drivers are
powered by P12V. P12V is not required during S3/S4/S5
operation. P12V is typically connected to the +12V rail of an
ATX power supply.
GND (Pins 4, 27, 29)
The GND terminals of the ISL6548 provide the return path
for the VTT LDO, and switching MOSFET gate drivers. High
ground currents are conducted directly through the exposed
paddle of the QFN package which must be electrically
connected to the ground plane through a path as low in
inductance as possible.
UGATE (Pin 26)
Connect this pin to the upper MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the upper
MOSFET has turned off. Do not insert any circuitry between
this pin and the gate of the upper MOSFET, as it may
interfere with the internal adaptive shoot-through protection
circuitry and render it ineffective.
LGATE (Pin 28)
Connect this pin to the lower MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the lower
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the lower
MOSFET has turned off. Do not insert any circuitry between
this pin and the gate of the lower MOSFET, as it may
interfere with the internal adaptive shoot-through protection
circuitry and render it ineffective.
FB (Pin 15) and COMP (Pin 16)
The VDDQ switching regulator employs a single voltage
control loop. FB is the negative input to the voltage loop error
amplifier. The VDDQ output voltage is set by an external
resistor divider connected to FB. With a properly selected
divider, VDDQ can be set to any voltage between the power
rail (reduced by converter losses) and the 0.8V reference.
Loop compensation is achieved by connecting an AC
network across COMP and FB.
The FB pin is also monitored for under and overvoltage
events.
PHASE (Pin 24)
Connect this pin to the upper MOSFET’s source. This pin is
used to monitor the voltage drop across the upper MOSFET
for overcurrent protection.
OCSET (Pin 22)
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 20µA current source
(IOCSET), and the upper MOSFET on-resistance (rDS(ON))
set the converter overcurrent (OC) trip point according to the
following equation:
An overcurrent trip cycles the soft-start function.
VDDQ (Pins 7, 8)
The VDDQ pins should be connected externally together to
the regulated VDDQ output. During S0/S1 states, the VDDQ
pins serve as inputs to the VTT regulator and to the VTT
Reference precision divider.
DDR_VTT (Pins 5, 6)
The DDR_VTT pins should be connect externally together.
During S0/S1 states, the DDR_VTT pins serve as the
outputs of the VTT linear regulator. During S3 state, the VTT
regulator is disabled.
DDR_VTTSNS (Pin 9)
VTTSNS is used as the feedback for control of the VTT linear
regulator. Connect this pin to the VTT output at the physical
point of desired regulation.
VREF_IN (Pin 14)
A capacitor, CSS, connected between VREF_IN and ground
is required. This capacitor and the parallel combination of
the Upper and Lower Divider Impedance (RU||RL), sets the
time constant for the start up ramp when transitioning from
S3/S4/S5 to S0/S1/S2.
The minimum value for CSS can be found through the
following equation:
The calculated capacitance, CSS, will charge the output
capacitor bank on the VTT rail in a controlled manner without
reaching the current limit of the VTT LDO.
BOOT (Pin 25)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create a
voltage suitable to drive a logic-level N-channel MOSFET.
IPEAK
IOCSETxROCSET
rDS ON
()
-------------------------------------------------
=
C
SS
C
VTTOUT VDDQ
10 2A R
U
R
L
||
⋅⋅
------------------------------------------------
>
ISL6548


Similar Part No. - ISL6548_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548ACRZ INTERSIL-ISL6548ACRZ Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548ACRZ-T INTERSIL-ISL6548ACRZ-T Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com