Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA7N90M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQA7N90M
Description  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA7N90M Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQA7N90M_06 Datasheet HTML 1Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 2Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 3Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 4Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 5Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 6Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 7Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 8Page - Fairchild Semiconductor FQA7N90M_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FQA7N90M Rev. A1
Mechanical Dimensions
15.60
±0.20
4.80
±0.20
13.60
±0.20
9.60
±0.20
2.00
±0.20
3.00
±0.20
1.00
±0.20
1.40
±0.20
ø3.20
±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
TO-3P
Dimensions in Millimeters


Similar Part No. - FQA7N90M_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N90M FAIRCHILD-FQA7N90M Datasheet
678Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - FQA7N90M_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com