Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6548CRZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6548CRZA
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548CRZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6548CRZA Datasheet HTML 1Page - Intersil Corporation ISL6548CRZA Datasheet HTML 2Page - Intersil Corporation ISL6548CRZA Datasheet HTML 3Page - Intersil Corporation ISL6548CRZA Datasheet HTML 4Page - Intersil Corporation ISL6548CRZA Datasheet HTML 5Page - Intersil Corporation ISL6548CRZA Datasheet HTML 6Page - Intersil Corporation ISL6548CRZA Datasheet HTML 7Page - Intersil Corporation ISL6548CRZA Datasheet HTML 8Page - Intersil Corporation ISL6548CRZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6548
ACPI Regulator/Controller for
Dual Channel DDR Memory Systems
The ISL6548 provides a complete ACPI compliant power
solution for up to 4 DIMM dual channel DDR/DDR2 Memory
systems. Included are both a synchronous buck controller to
supply VDDQ during S0/S1 and S3 states. During S0/S1
state, a fully integrated sink-source regulator generates an
accurate (VDDQ/2) high current VTT voltage without the
need for a negative supply. Two LDO controllers are also
integrated for the GMCH core voltage regulation and for the
GMCH/CPU VTT termination voltage regulation.
The switching PWM controller drives two N-Channel
MOSFETs in a synchronous-rectified buck converter
topology. The synchronous buck converter uses voltage-
mode control with fast transient response. The switching
regulator provides a maximum static regulation tolerance of
±
2% over line, load, and temperature ranges. The output is
user-adjustable by means of external resistors down to 0.8V.
An integrated soft-start feature brings all outputs into
regulation in a controlled manner when returning to S0/S1
state from any sleep state. During S0 the VIDPGD signal
indicates that the GMCH/CPU VTT termination voltage is
within spec and operational.
Each output is monitored for undervoltage events. The
switching regulator also has overvoltage and overcurrent
protection. Thermal shutdown is integrated.
Pinout
ISL6548 (6x6 QFN)
TOP VIEW
Features
• Generates 4 Regulated Voltages
- Synchronous Buck PWM Controller for DDR VDDQ
- 3A Integrated Sink/Source Linear Regulator with
Accurate VDDQ/2 Divider Reference for DDR VTT
- LDO Regulator for GMCH Core
- Sink/Source LDO Regulator for CPU/GMCH VTT
Termination
• ACPI Compliant Sleep State Control
• Glitch-free Transitions During State Changes
• PWM Controller Drives Low Cost N-Channel MOSFETs
• 250kHz Constant Frequency Operation
• Tight Output Voltage Regulation
- All Outputs: ±2% Over Temperature
• Fully-Adjustable Outputs with Wide Voltage Range: Down
to 0.8V supports DDR and DDR2 Specifications
• Simple Single-Loop Voltage-Mode PWM Control Design
• Fast PWM Converter Transient Response
• Under and Overvoltage Monitoring on All Outputs
• OCP on the Switching Regulator
• Integrated Thermal Shutdown Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Single and Dual Channel DDR Memory Power Systems in
ACPI compliant PCs
• Graphics Cards - GPU and Memory Supplies
• ASIC Power Supplies
• Embedded Processor and I/O Supplies
• DSP Supplies
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
DRIVE4
REFADJ4
DRIVE3
FB3
FB4
COMP
FB
5VSBY
S3#
P12V
GND
DDR_VTT
DDR_VTT
VDDQ
GND
29
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL6548CRZA
(Note)
ISL6548CRZ
0 to 70
28 Ld 6x6 QFN
(Pb-free)
L28.6x6
ISL6548CRZA-T
(Note)
ISL6548CRZ
0 to 70
28 Ld 6x6 QFN
Tape and Reel
(Pb-free)
L28.6x6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
FN9188.2
January 3, 2006


Similar Part No. - ISL6548CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548CRZA INTERSIL-ISL6548CRZA Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548CRZA RENESAS-ISL6548CRZA Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548CRZA-T INTERSIL-ISL6548CRZA-T Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548CRZA-T RENESAS-ISL6548CRZA-T Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com