Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA8N90C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQA8N90C
Description  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA8N90C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA8N90C Datasheet HTML 1Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 2Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 3Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 4Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 5Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 6Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 7Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 8Page - Fairchild Semiconductor FQA8N90C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQA8N90C Rev. A1
September 2006
QFET
®
FQA8N90C
900V N-Channel MOSFET
Features
• 8A, 900V, RDS(on) = 1.9Ω @VGS = 10 V
• Low gate charge ( typical 35 nC)
• Low Crss ( typical 12pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3P
FQA Series
Symbol
Parameter
FQA8N90C
Units
VDSS
Drain-Source Voltage
900
V
ID
Drain Current
- Continuous (TC = 25°C)
8.0
A
- Continuous (TC = 100°C)
5.1
A
IDM
Drain Current
- Pulsed
(Note 1)
32
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
850
mJ
IAR
Avalanche Current
(Note 1)
8.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
24
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
240
W
- Derate above 25°C
1.92
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.52
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


Similar Part No. - FQA8N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA8N90C FAIRCHILD-FQA8N90C Datasheet
691Kb / 8P
   900V N-Channel MOSFET
FQA8N90C FAIRCHILD-FQA8N90C Datasheet
807Kb / 8P
   900V N-Channel MOSFET
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQA8N90C FAIRCHILD-FQA8N90C_07 Datasheet
807Kb / 8P
   900V N-Channel MOSFET
FQA8N90C_F109 FAIRCHILD-FQA8N90C_F109 Datasheet
807Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - FQA8N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com