Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z90DBT-V110G4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ20Z90DBT-V110G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z90DBT-V110G4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z90DBT-V110G4 Datasheet HTML 1Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 2Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 3Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 4Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 5Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 6Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 7Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 8Page - Texas Instruments BQ20Z90DBT-V110G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
bq20z90-V110
SLUS743 – NOVEMBER 2006
over operating free-air temperature range (unless otherwise noted)(1)
RANGE
VCC relative to VSS
Supply voltage range
–0.3 V to 2.75 V
V(IOD) relative to VSS
Open-drain I/O pins
–0.3 V to 6 V
VI relative to VSS
Input voltage range to all other pins
–0.3 V to VCC + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
V
CC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.4
2.5
2.6
V
No flash programming
400(1)
ICC
Operating mode current
µA
bq20z90-V110 +
475
bq29330
Sleep mode
8(1)
I(SLP) Low-power storage mode current
µA
bq20z90-V110 +
51
bq29330
Output voltage low SMBC, SMBD, SDATA, SCLK, SAFE
IOL = 0.5 mA
0.4
V
VOL
LED1 – LED5
IOL = 10 mA
0.4
V
VOH
Output high voltage, SMBC, SMBD, SDATA, SCLK, SAFE
IOH = –1 mA
VCC– 0.5
V
VIL
Input voltage low SMBC, SMBD, SDATA, SCLK, XALERT,
–0.3
0.8
V
PRES, PFIN
DISP
–0.3
0.8
V
VIH
Input voltage high SMBC, SMBD, SDATA, SCLK, XALERT,
2
6
V
PRES, PFIN
DISP
2
VCC + 0.3
V
CIN
Input capacitance
5
pF
V(AI1) Input voltage range VCELL+, VCELL-,TS1, TS2
- 0.2
0.8XVCC
V
V(AI2) Input voltage range SR1, SR2
– 0.20
0.20
Z(AI2) Input impedance VCELL+, VCELL-, TS1, TS2
0 V–1 V
8
M
Z(AI1) Input impedance SR1, SR2
0 V–1 V
2.5
M
(1)
This value does not include the bq29330
4
Submit Documentation Feedback


Similar Part No. - BQ20Z90DBT-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90DBT-V150 TI-BQ20Z90DBT-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBT-V150 TI1-BQ20Z90DBT-V150 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBT-V150G4 TI-BQ20Z90DBT-V150G4 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBT-V150G4 TI1-BQ20Z90DBT-V150G4 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z90DBT-V110G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com