Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4010Y Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4010Y
Description  8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4010Y Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4010Y Datasheet HTML 7Page - Texas Instruments BQ4010Y Datasheet HTML 8Page - Texas Instruments BQ4010Y Datasheet HTML 9Page - Texas Instruments BQ4010Y Datasheet HTML 10Page - Texas Instruments BQ4010Y Datasheet HTML 11Page - Texas Instruments BQ4010Y Datasheet HTML 12Page - Texas Instruments BQ4010Y Datasheet HTML 13Page - Texas Instruments BQ4010Y Datasheet HTML 14Page - Texas Instruments BQ4010Y Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
Address
Data−In Valid
High−Z
DOUT
Data Undefined (1)
tWZ
tOW
tDW
tDH1
tWP
tAS
tCW
tAW
tWR1
tWC
DIN
WE
CE
bq4010/Y/LY
SLUS116A – MAY 1999 – REVISED APRIL 2007
Table 3. WRITE CYCLE (TA = TOPR, VCC(min)≤ VCC≤ VCC(max))
-70
-85
-150
-200
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tWC
Write cycle time
70
85
150
200
tCW
Chip enable to end of write
See (1)
65
75
100
150
tAW
Address valid to end of write
See (1)
65
75
90
150
Measured from address valid to
tAS
Address setup time
0
0
0
0
beginning of write.(2)
Measured from beginning of write to
tWP
Write pulse width
55
65
90
130
end of write. (1)
Measured from WE going high to end
tWR1
Write recovery time (write cycle 1)
5
5
5
5
of write cycle.(3)
ns
Measured from CE going high to end
tWR2
Write recovery time (write cycle 2)
15
15
15
15
of write cycle.(3)
Measured to first low-to- high transition
tDW
Data valid to end of write
30
35
50
70
of either CE or WE.
Measured from WE going high to end
tDH1
Data hold time (write cycle 1)
0
0
0
0
of write cycle.(4)
Measured from CE going high to end
tDH2
Data hold time (write cycle 2)
0
0
0
0
of write cycle.(4)
tWZ
Write enbled to output in high Z
I/O pins are in output state.(5)
0
25
0
30
0
50
0
70
tOW
Output active from end of write
5
5
5
5
I/O pins are in output state. (5)
(1)
A write ends at the earlier transition of CE going high and WE going high.
(2)
A write occurs during the overlap of a low CE and a low WE. A write begins at the later transition of CE going low and WE going low.
(3)
Either tWR1 or tWR2 must be met.
(4)
Either tDH1 or tDH2 must be met.
(5)
If CE goes low simultaneously with WE going low or after WE going low, the outputs remain in high-impedance state.
(1)
CE or WE must be high during address transition.
(2)
Because I/O may be active (OE low) during this period, data input signals of opposite polarity to the outputs must not
be applied.
(3)
If OE is high, the I/O pins remain in a state of high impedance.
Figure 8. Write Cycle No. 1 (WE-Controlled) (1)(2)(3)
11
Submit Documentation Feedback


Similar Part No. - BQ4010Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010Y TI-BQ4010Y Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010Y-150 TI-BQ4010Y-150 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010Y-200 TI-BQ4010Y-200 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010Y-70 TI-BQ4010Y-70 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010Y-85 TI-BQ4010Y-85 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4010Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com