Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6425IRGCTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6425IRGCTG4
Description  QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6425IRGCTG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS6425IRGCTG4 Datasheet HTML 1Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 2Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 3Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 4Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 5Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 6Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 7Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 8Page - Texas Instruments ADS6425IRGCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ADS6425
SLWS197 – MARCH 2007
QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
• Base-station IF Receivers
• Maximum Sample Rate: 125 MSPS
• Diversity Receivers
• 12-Bit Resolution with No Missing Codes
• Medical Imaging
• 1.65-W Total Power
• Test Equipment
• Simultaneous Sample and Hold
• 70.3 dBFS SNR at Fin = 50 MHz
• 83 dBc SFDR at Fin = 50 MHz, 0 dB Gain
The
ADS6425
is
a
high
performance
12-bit,
• 79 dBc SFDR at Fin = 170 MHz, 3.5 dB Gain
125-MSPS quad channel ADC. Serial LVDS data
• 3.5 dB Coarse Gain and up to 6 dB
outputs
reduce
the
number
of
interface
lines,
Programmable Fine Gain for SFDR/SNR
resulting in a compact 64-pin QFN package (9 mm
×
9 mm) that allows for high system integration density.
Trade-Off
The device includes 3.5 dB coarse gain option that
• Serialized LVDS Outputs with Programmable
can be used to improve SFDR performance with little
Internal Termination Option
degradation in SNR. In addition to the coarse gain,
• Supports Sine, LVCMOS, LVPECL, LVDS
fine gain options also exist, programmable in 1dB
Clock Inputs and Amplitude Down to 400 mVpp
steps up to 6dB.
differential
The output interface is 2-wire, where each ADC's
• Internal Reference with External Reference
data is serialized and output over two LVDS pairs.
Support
This makes it possible to halve the serial data rate
(compared to a 1-wire interface) and restrict it to less
• No External Decoupling Required for
than 1Gbps easing receiver design. The ADS6425
References
also includes the traditional 1-wire interface that can
• 3.3-V Analog and Digital Supply
be used at lower sampling frequencies.
• 64 QFN Package (9 mm × 9 mm)
An internal phase locked loop (PLL) multiplies the
• Pin Compatible 14-Bit Family (ADS644X)
incoming ADC sampling clock to derive the bit clock.
The bit clock is used to serialize the 12-bit data from
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs. The LVDS output buffers have
features such as programmable LVDS currents,
current doubling modes and internal termination
options. These can be used to widen eye-openings
and improve signal integrity, easing capture by the
receiver.
The ADC channel outputs can be transmitted either
as MSB or LSB first and 2s complement or straight
binary.
ADS6425 has internal references, but can also
support an external reference mode. The device is
specified over the industrial temperature range
(–40
°C to 85°C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6425IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425IRGCTG4 TI1-ADS6425IRGCTG4 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results

Similar Description - ADS6425IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com