Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24721 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24721
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24721_07 Datasheet HTML 3Page - Texas Instruments BQ24721_07 Datasheet HTML 4Page - Texas Instruments BQ24721_07 Datasheet HTML 5Page - Texas Instruments BQ24721_07 Datasheet HTML 6Page - Texas Instruments BQ24721_07 Datasheet HTML 7Page - Texas Instruments BQ24721_07 Datasheet HTML 8Page - Texas Instruments BQ24721_07 Datasheet HTML 9Page - Texas Instruments BQ24721_07 Datasheet HTML 10Page - Texas Instruments BQ24721_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
www.ti.com
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
8 Vdc
≤ V
(VCC) ≤ 24 Vdc, 0°C ≤ TJ ≤ 125°C, all voltages with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT – NO ADAPTER CONNECTED
I(VCC,PVCC)
VCC and PVCC quiescent current
I(VCC,PVCC) = ( I(VCC) + I(PVCC) ) at V(VCC) = V(PVCC) = 16.8 V
254
µA
I(ACP,ACN)
ACP and ACN quiescent current
I(ACP,ACN) = ( I(ACP) + I(ACN) ) at V(ACP) = V(ACN) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(BAT)
BAT quiescent current
I(BAT) at V(BAT) = V(VCC) = V(PVCC) = 16.8 V
17
µA
I(SRP,SRN)
SRP and SRN quiescent current
I(SRP,SRN) = ( I(SRP) + I(SRN) ) at V(SRP) = V(SRN) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(SYNN,SYNP)
SYNN and SYNP quiescent current
I(SYNN,SYNP) = ( I(SYNN) + I(SYNP) ) at V(SYNP) = V(SYNN) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(SYS)
SYS quiescent current
I(SYS) at V(SYS) = V(VCC) = V(PVCC) = 16.8 V
25
µA
I(PH)
PH quiescent current
I(PH) at V(PH) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(BTST)
BTST quiescent current
I(BTST) at V(BTST) = V(VCC) = V(PVCC) = 16.8 V
1
µA
QUIESCENT CURRENT – ADAPTER CONNECTED AND READY TO CHARGE
I(VCC,PVCC)
VCC and PVCC quiescent current
I(VCC,PVCC) = (I(VCC) + I(PVCC) at V(VCC) = V(PVCC) = 16.8 V
4.45
mA
I(ACP,ACN)
ACP and ACN quiescent current
I(ACP,ACN) = (I(ACP) + I(ACN) ) at V(ACP) = V(ACN) = V(VCC) = V(PVCC) = 16.8 V
815
µA
I(BAT)
BAT quiescent current
I(BAT) at V(BAT) = V(VCC) = V(PVCC) = 16.8 V
500
µA
I(SRP,SRN)
SRP and SRN quiescent current
I(SRP,SRN) = ( I(SRP) + I(SRN) ) at V(SRP) = V(SRN) = V(VCC) = V(PVCC) = 16.8 V
305
µA
SYNN, SYNP, and SYS quiescent
I(SYNN,SYNP,SYS) = ( I(SYNN) + I(SYNP) + I(SYS) ) at V(SYNP) = V(SYNN) = V(SYS) = V(VCC) =
I(SYNN,SYNP,SYS)
321
µA
current
V(PVCC) = 16.8 V
I(PH)
PH quiescent current
I(PH) at V(PH) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(BTST)
BTST quiescent current
I(BTST) at V(BTST) = V(VCC) = V(PVCC) = 16.8 V
1
µA
I(VCC_SW) = I(VCC)
FPWM = 300 kHz, charger on (CHGEN = LO) = ENABLED
VCC Current while converter is
I(VCC_SW)
Q(G) at HIDRV = Q(G) at LODRV = 30 nC, [No Load on VREF5]
25
mA
switching including gate drive current
Gate drive switching current = Q(G)× FPWM = (30nC + 30nC) × 300kHz =
18mA
5-V REFERENCE LDO VOLTAGE AND AC DETECTION STATUS (VREF5, TURNS ON WHEN AC DETECTED)
Adapter detected (VACDET >V(ACD)), VCC> 7 V
V(VREF5)
5V Regulator output voltage
4.75
5
5.25
V
0
→ 10 mA, source current
Saturation voltage when VREF5 is
Adapter not detected, (VACDET< V(ACD))
V(VREF5_SAT)
0.3
V
off
0
→– 10 mA, ac adapter inserted, C
O = 1 µF, discharge Load
I(VREF5_LIM)
Short-circuit current
V(VREF5) = AGND
20
mA
UNDERVOLTAGE LOCKOUT CIRCUIT
Undervoltage lockout threshold
VREF5 rising, POR mode set at VREF5 < V(UVLO)
3.7
V
UVLO
V(UVLO) hysteresis
VREF5 falling
100
mV
SBS-Like SMBus LOGIC LEVELS
VIL
Input low threshold level
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
0.8
V
VIH
Input high threshold level
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
2.1
V
I(bias)
Input bias current
2.7 V < V(pull-up) < 5.5 V, SDA and SCL
1
µA
ALARM OPEN DRAIN OUTPUT
V(ALARM_sat)
ALARM output low saturation level
I(ALARM) = 5mA
0.5
V
Ilkg(ALARM)
ALARM leakage current
V(ALARM) = 5V
1
µA
THERMAL SHUTDOWN, IC OVERTEMPERATURE PROTECTION
T(SHUT)
Thermal shutdown Threshold
TJ rising, Charge disabled at TJ > T(SHUT)
145
°C
T(SHUTH)
Hysteresis
TJ falling, Charge enabled at TJ < T(SHUT)– T(SHUTH)
15
°C
Deglitch time, thermal shutdown
TJ rising/falling
8
ms
7
Submit Documentation Feedback


Similar Part No. - BQ24721_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com