Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24721C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24721C
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721C Datasheet(HTML) 1 Page - Texas Instruments

  BQ24721C Datasheet HTML 1Page - Texas Instruments BQ24721C Datasheet HTML 2Page - Texas Instruments BQ24721C Datasheet HTML 3Page - Texas Instruments BQ24721C Datasheet HTML 4Page - Texas Instruments BQ24721C Datasheet HTML 5Page - Texas Instruments BQ24721C Datasheet HTML 6Page - Texas Instruments BQ24721C Datasheet HTML 7Page - Texas Instruments BQ24721C Datasheet HTML 8Page - Texas Instruments BQ24721C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
bq24721,
bq24721C
CHGEN
ACDRV
ACN
ACP
ACDET
BYPASS
EAO
EAI
IOUT
BAT
SRN
SRP
SYNN
SYNP
SYS
BATDRV
5x5QFNPACKAGE(TOP VIEW)
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE
CHARGER AND SYSTEM POWER SELECTOR
• Portable Notebook Computers
• High Efficiency NMOS-NMOS Synchronous
Buck Converter With User-Selectable 300 kHz
• Portable DVD Players
or 500 kHz frequency
• Webpads, PC Tablets
• bq24721C Offers Softer Turn-On, Stronger
Turn-Off
• SBS-Like (1) SMBus Interface for Control and
The bq24721 is a high efficiency synchronous
Status Communications With Host
battery pack charger with high level of integration for
portable applications. This device implements a high
• Programmable Battery Voltage, Charge
performance analog front-end that interfaces to the
Current, and AC Adapter Current via SBS-Like
system power management micro-controller through
SMBus Interface
a simplified SBS-like SMBus interface.
• 0.4% Charge Voltage Regulation Accuracy
The dynamic power management (DPM) function
• 3% Charge Current Regulation Accuracy
modifies the charge current depending on system
• 3% Adapter Current Regulation Accuracy
load conditions, avoiding ac adapter overload.
Dynamic Power Management (DPM)
High accuracy current sense
amplifiers
enable
• 2% Accuracy Integrated Charge and AC
accurate measurement of either the charge current
Adapter 20
× Current Amplifier Output
or the ac adapter current, allowing termination of
nonsmart packs and monitoring of overall system
• 3-Cell and 4-Cell Li-Ion Voltage Regulation
power.
9 V, 12 V–14.4 V, 16 V–19.2 V
• Battery Pack Voltage Operating Range
The adapter isolation diode can be bypassed or
0 V–19.2 V
entirely replaced with an external MOSFET using a
control
signal
provided
by
the
bq24721,
thus
• AC Adapter Operating Range 8 V–28 V
reducing overall power dissipation.
• 99.5% Max Duty Cycle
Integrated features such as charger soft start, charge
• Internal Soft Start
overcurrent
protection,
and
IC
temperature
• Integrated 5% 5-V LDO When AC Adapter
monitoring provide a second level of protection, in
Applied
addition to pack and system protection functions.
• 6-V Drive Supply Voltage for Increased
Efficiency
• Reverse Battery to Adapter Discharge
Protection
• Battery/Adapter to System Power Selector
Function
• Charge and Adapter Overcurrent Protection
• Battery Thermistor Sense, TS, Comparators
• Available in 32-Pin 5x5-mm QFN Package
(1)
SBS-Like interface is not 100% SBS compliant. SBS-Like
interface is SMBus1.1 complaint but does not support Packet
Error Correction (PEC). The control and status registers were
changed to simplify and enhance notebook charger control.
An 8-bit address (0x12) is used. See Table 1 for a
comparison between SBS-like vs SBS Specification.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24721C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com