Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24750
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24750_07 Datasheet HTML 1Page - Texas Instruments BQ24750_07 Datasheet HTML 2Page - Texas Instruments BQ24750_07 Datasheet HTML 3Page - Texas Instruments BQ24750_07 Datasheet HTML 4Page - Texas Instruments BQ24750_07 Datasheet HTML 5Page - Texas Instruments BQ24750_07 Datasheet HTML 6Page - Texas Instruments BQ24750_07 Datasheet HTML 7Page - Texas Instruments BQ24750_07 Datasheet HTML 8Page - Texas Instruments BQ24750_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ACOP
bq24750
28LDQFN
TOP VIEW
DPMDET
SRN
BAT
CELLS
SRP
SRSET
IADAPT
ACDRV
ACSET
CHGEN
ACN
ACP
ACDET
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
11 12 13
14
28
27 26
25
24 23
22
bq24750
SLUS735 – DECEMBER 2006
Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector
and AC Over-Power Protection
• Charge Enable
• NMOS-NMOS Synchronous Buck Converter
• 10-µA Off-State Current
with 300 kHz Frequency and >95% Efficiency
• 28-pin, 5x5-mm QFN package
• 30-ns Minimum Driver Dead-time and 99.5%
Maximum Effective Duty Cycle
• Notebook and Ultra-Mobile Computers
• High-Accuracy Voltage and Current
Regulation
• Portable Data-Capture Terminals
• Portable Printers
±0.5% Charge Voltage Accuracy
• Medical Diagnostics Equipment
±3% Charge Current Accuracy
• Battery Bay Chargers
±3% Adapter Current Accuracy
• Battery Back-up Systems
±2% Input Current Sense Amp Accuracy
• Integration
Automatic System Power Selection From
The bq24750 is a high-efficiency, synchronous
AC/DC Adapter or Battery
battery charger with integrated compensation and
Internal Loop Compensation
system power selector logic, offering low component
Internal Soft Start
count for space-constrained multi-chemistry battery
charging applications. Ratiometric charge current
• Safety
and voltage programming allows very high regulation
Input Overvoltage Protection (OVP)
accuracies,
and
can
be
either
hardwired
with
Dynamic Power Management (DPM) with
resistors
or
programmed
by
the
system
Status Indicator
power-management microcontroller using a DAC or
GPIOs.
Programmable Inrush Adapter Power
(ACOP) and Overcurrent (ACOC) Limits
Reverse-Conduction Protection Input FET
Battery Thermistor Sense Input (TS) for
Charge Qualification
• Supports Two, Three, or Four Li+ Cells
• 5–24 V AC/DC-Adapter Operating Range
• Analog Inputs with Ratiometric Programming
via Resistors or DAC/GPIO Host Control
Charge Voltage (4–4.512 V/cell)
Charge Current (up to 10 A, with 10-m
sense resistor)
Adapter Current Limit (DPM)
• Status and Monitoring Outputs
AC/DC Adapter Present with
Programmable Voltage Threshold
DPM Loop Active
Current Drawn from Input Source
• Supports Any Battery Chemistry: Li+, NiCd,
NiMH, Lead Acid, etc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24750_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDR TI-BQ24750ARHDR Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDT TI-BQ24750ARHDT Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDR TI1-BQ24750RHDR Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com