Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24721CRHBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24721CRHBR
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721CRHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24721CRHBR Datasheet HTML 2Page - Texas Instruments BQ24721CRHBR Datasheet HTML 3Page - Texas Instruments BQ24721CRHBR Datasheet HTML 4Page - Texas Instruments BQ24721CRHBR Datasheet HTML 5Page - Texas Instruments BQ24721CRHBR Datasheet HTML 6Page - Texas Instruments BQ24721CRHBR Datasheet HTML 7Page - Texas Instruments BQ24721CRHBR Datasheet HTML 8Page - Texas Instruments BQ24721CRHBR Datasheet HTML 9Page - Texas Instruments BQ24721CRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
8 Vdc
≤ V
(VCC) ≤ 24 Vdc, 0°C ≤ TJ ≤ 125°C, all voltages with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY VOLTAGE REGULATION
V(BAT_ICR)
VBAT Input voltage range
V(BAT)
0
PVCC
V
TJ = 0°C – 85°C
–0.4
0.4
Full valid voltage DAC range,
Battery Regulation Voltage Accuracy
%
SMBus DAC register 0
×15
TJ = 0°C – 125°C
–0.5
0.5
V(VBATREG)
BAT voltage regulation range
9
19.2
V
PWM AC ADAPTER INPUT CURRENT REGULATION, DPM (Dynamic Power Management), I(REG_DPM)= V(IREG_DPM)/R(SENSE_DPM)
ACP-ACN differential voltage range
V(IREG_DPM) = V(ACP)- V(ACN)
V(IREG_DPM)
1.28
162.56
mV
for input current regulation
SMBus DAC register 0
×3F, bits b0–b13
Current regulation LSB programming
V(ACP-ACN) / 10mΩ
I(REG_step_DPM)
128
mA
current step
Using a 10m
Ω sense resistor, R
(SNS)
V(ACP) – V(ACN) > 40.96 mV
–3%
3%
(4096 mA with 10 m
Ω)
VCC ≥ VCC (min),
VCC ≥ VI(BAT) + V(DO-MAX), (1)
V(ACP) – V(ACN) > 20.48 mV
Current regulation accuracy
Over differential threshold range, V(IREG),
–5%
5%
(2048 mA with 10 m
Ω)
Does not include error induced by the
tolerance of the sense resistor, R(SNS)
V(ACP) – V(ACN) > 5.12 mV
–25%
25%
(512 mA with 10 m
Ω)
PWM BATTERY CHARGE CURRENT REGULATION, I(REG_CHG)= V(IREG_CHG)/ R(SENSE_CHG)
SRP-SRN differential voltage range
V(IREG_CHG) = V(SRP)- V(SRN)
V(IREG_CHG)
1.28
162.56
mV
for input current regulation
SMBus DAC register 0
×14, bits b0–b13
Current regulation LSB programming
V(SRP-SRN) / 10 mΩ
I(REG_step_CHG)
128
mA
current step
Using a 10m
Ω sense resistor, R
(SNS)
V(SRP-SRN) > 40.96 mV
–3
3
(4096 mA with 10 m
Ω)
VCC ≥ VCC (min),
VCC ≥ VI(BAT) + V(DO-MAX), (1)
V(SRP-SRN) >20.48 mV
Current regulation accuracy
Over differential threshold range, V(IREG),
–5
5
%
(2048 mA with 10 m
Ω)
Does not include error induced by the
tolerance of the sense resistor, R(SNS)
V(SRP-SRN) > 5.12 mV
–25
25
(512 mA with 10 m
Ω)
CURRENT SENSE AMPLIFIERS – IBAT AMPLIFIER and IADAPT AMPLIFIER
→ MUX TO IOUT
SRP, SRN common-mode input
2.5
20
V
voltage range
V(IOUT_IBAT)
IOUT output voltage range with IBAT
V(IOUT) = V(SRP, SRN)× A(IBAT)
0
3.5
V
selected
V(BAT) > 2.5 V or V(BAT) > V(IOUT) + V(DO-MAX)(1)
G(IBAT)
Voltage gain
A(IOUT) = V(IOUT)/ V(SRP, SRN)
20
V/V
V(SRP, SRN) = 40 mV and higher
–2
2
V(BAT) > 2.5 V or V(BAT) >
V(IOUT) + V(DO-MAX)(1)
Charge current amplifier accuracy
V(SRP, SRN) = 20 mV and higher
–3
3
%
V(SRP, SRN) = 5 mV and higher
–25
25
ACP, ACN Common-mode input
0
24
V
voltage range
V(IOUT_IADAPT)
IOUT output voltage range with
V(IOUT) = V(ACP, ACN)× A(IADP)
0
3.5
V
IADAPT selected
V(SRP) > 2.5 V or V(SRP) > V(IOUT) + 1 V
G(IADP)
Voltage gain
A(IADP) = V(IOUT)/ V(ACP, ACN)
20
V/V
V(ACP, ACN) = 40 mV and higher
–2
2
Adapter current amplifier accuracy,
V(BAT) > 2.5 V or V(BAT) >
V(ACP, ACN) = 30 mV and higher
–3
3
%
bq24721
V(IOUT) + V(DO-MAX)(1)
V(ACP, ACN) = 5 mV and higher
–25
25
V(ACP, ACN) = 40 mV and higher
–2
2
Adapter current amplifier accuracy,
V(BAT) > 2.5 V or V(BAT) >
V(ACP, ACN) = 30 mV and higher
–5
5
%
bq24721C
V(IOUT) + V(DO-MAX)(1)
V(ACP, ACN) = 5 mV and higher
–25
25
I(OUT_LIM)
IOUT output current limit
IOUT shorted to AGND
4.5
mA
OPERATING CONDITIONS
V(VCC), V(PVCC), input voltage
V(INOP)
Selector and charger operational.
8
24
V
operating range
(1)
V(DO-max) is defined as the maximum drop-out voltage. V(DO-MAX) = 1 V unless other wise specified. In an actual application, V(DO - MAX)
= (R(SNS)× IO) + V(DSON_HIGH_SIDE_FET) + V(DSON_BYPASS_FET).
6
Submit Documentation Feedback


Similar Part No. - BQ24721CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com