Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750RHDT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750RHDT
Description  Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750RHDT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24750RHDT Datasheet HTML 5Page - Texas Instruments BQ24750RHDT Datasheet HTML 6Page - Texas Instruments BQ24750RHDT Datasheet HTML 7Page - Texas Instruments BQ24750RHDT Datasheet HTML 8Page - Texas Instruments BQ24750RHDT Datasheet HTML 9Page - Texas Instruments BQ24750RHDT Datasheet HTML 10Page - Texas Instruments BQ24750RHDT Datasheet HTML 11Page - Texas Instruments BQ24750RHDT Datasheet HTML 12Page - Texas Instruments BQ24750RHDT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
bq24750
SLUS735 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V
PVCC≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT OVERVOLTAGE COMPARATOR (ACOV)
VACOV
AC Over-voltage rising threshold on
Measured on ACDET
3.007
3.1
3.193
V
ACDET
(See ACDET in Terminal Functions)
VACOV_HYS
AC Over-voltage rising deglitch
1.3
ms
AC Over-voltage falling deglitch
1.3
THERMAL SHUTDOWN COMPARATOR
TSHUT
Thermal shutdown rising temperature Temperature Increasing
155
°C
TSHUT_HYS
Thermal shutdown hysteresis, falling
20
°C
THERMISTER COMPARATOR (TS)
VLTF
Cold temperature rising threshold
As percentage to VVREF
72.5
73.8
74.2
VLTF_HYS
Rising hysteresis
As percentage to VVREF
0.5
1
1.5
%
VTCO
Cut-off temperature rising threshold
As percentage to VVREF
28.7
29.3
29.9
VHTF
Hot temperature rising threshold
As percentage to VVREF
33.7
34.4
35.1
Deglitch time for temperature out of
VTS > VLTF, or VTS < VTCO, or
10
range detection
VTS < VHTF
ms
Deglitch time for temperature in valid
VTS > VLTF– VLTF_HYS or VTS > VTCO,
10
range detection
or VTS > VHTF
BATTERY SWITCH (BATDRV) DRIVER
RDS_BAT_OFF
BATFET Turn-off resistance
VPVCC > 5 V
160
RDS_BAT_ON
BATFET Turn-on resistance
VPVCC > 5 V
3
k
VBATDRV_REG
BATFET drive voltage
VBATDRV_REG = VPVCC– VBATDRV when
6.5
V
VPVCC > 5 V and BATFET is on
BATFET Power-up delay
Delay to turn off BATFET after adapter is
518
700
908
ms
detected (after ACDET > 2.4)
AC SWITCH (ACDRV) DRIVER
RDS_AC_OFF
ACFET turn-off resistance
VPVCC > 5 V
80
RDS_AC_ON
ACFET turn-on resistance
VPVCC > 5 V
2.5
k
VACDRV_REG
ACFET drive voltage
VACDRV_REG = VPVCC– VACDRV when
6.5
V
VPVCC > 5 V and ACFET is on
ACFET Power-up Delay
Delay to turn on ACFET after adapter is
518
700
908
ms
detected (after ACDET > 2.4)
AC / BAT MOSFET DRIVERS TIMING
Driver dead time
Dead time when switching between
10
µs
ACDRV and BATDRV
PWM HIGH SIDE DRIVER (HIDRV)
RDS_HI_ON
High side driver (HSD) turn-on
VBTST– VPH = 5.5 V, tested at 100 mA
3
6
resistance
RDS_HI_OFF
High side driver turn-off resistance
VBTST– VPH = 5.5 V, tested at 100 mA
0.7
1.4
VBTST_REFRESH
Bootstrap refresh comparator
VBTST– VPH when low side refresh pulse
4
V
threshold voltage
is requested
PWM LOW SIDE DRIVER (LODRV)
RDS_LO_ON
Low side driver (LSD) turn-on
REGN = 6 V, tested at 100 mA
3
6
resistance
RDS_LO_OFF
Low side driver turn-off resistance
REGN = 6 V, tested at 100 mA
0.6
1.2
PWM DRIVERS TIMING
Driver Dead Time — Dead time when
30
ns
switching between LODRV and
HIDRV. No load at LODRV and
HIDRV
9
Submit Documentation Feedback


Similar Part No. - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750RHDT TI-BQ24750RHDT Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDT TI1-BQ24750RHDT Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
BQ24750RHDTG4 TI1-BQ24750RHDTG4 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
More results

Similar Description - BQ24750RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com