Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24035RHLT Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24035RHLT
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24035RHLT Datasheet(HTML) 5 Page - Texas Instruments

  BQ24035RHLT Datasheet HTML 1Page - Texas Instruments BQ24035RHLT Datasheet HTML 2Page - Texas Instruments BQ24035RHLT Datasheet HTML 3Page - Texas Instruments BQ24035RHLT Datasheet HTML 4Page - Texas Instruments BQ24035RHLT Datasheet HTML 5Page - Texas Instruments BQ24035RHLT Datasheet HTML 6Page - Texas Instruments BQ24035RHLT Datasheet HTML 7Page - Texas Instruments BQ24035RHLT Datasheet HTML 8Page - Texas Instruments BQ24035RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
www.ti.com
bq24030, bq24031, bq24032A
bq24035, bq24038
SLUS618F – AUGUST 2004 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT PIN – FET (Q1, Q3, AND Q2) DROP-OUT VOLTAGE (RDSon)
VI(AC)≥ VCC(min), PSEL = High,
V(ACDO)
AC to OUT dropout voltage(5)
300
475
II(AC) = 1 A, (IO(OUT)+ IO(BAT)), or no AC
VI(USB)≥ VCC(min), PSEL = Low,
ISET2 = High, II(USB) = 0.4 A,
140
180
mV
(IO(OUT)+IO(BAT)), or no AC
V(USBDO)(6)
USB to OUT dropout voltage
VI(USB)≥ VCC(min), PSEL = Low,
ISET2 = Low, II(USB) = 0.08 A,
28
36
(IO(OUT)+ IO(BAT))
BAT to OUT dropout voltage
V(BATDO)
VI (BAT)≥ 3 V, Ii(BAT)= 1.0 A, VCC < Vi(BAT)
40
100
mV
(discharging)
OUT PIN - BATTERY SUPPLEMENT MODE
Enter battery supplement mode
VI(OUT)
VBSUP1
(battery supplements OUT current
VI(BAT)> 2 V
≤ V
I(BAT)
in the presence of input source
– 60 mV
V
VI(OUT)
VBSUP2
Exit battery supplement mode
VI(BAT)> 2 V
≥ V
I(BAT)
– 20 mV
OUT PIN - SHORT CIRCUIT
Current source between BAT to OUT for
IOSH1
BAT to OUT short-circuit recovery
short-circuit recovery to
10
mA
VI(OUT)≤ VI(BAT) –200 mV
RSHAC
AC to OUT short-circuit limit
VI(OUT) ≤ 1 V
500
RSHVSB
USB to OUT short-circuit limit
VI(OUT) ≤ 1 V
500
BAT PIN CHARGING – PRECHARGE
Precharge to fast-charge transition
V(LOWV)
Voltage on BAT
2.9
3
3.1
V
threshold
Deglitch time for fast-charge to
tFALL = 100 ns, 10 mV overdrive,
TDGL(F)
22.5
ms
precharge transition(7)
VI(BAT) decreasing below threshold
1 V < VI(BAT) < V(LOWV), t < t(PRECHG),
IO(PRECHG)
Precharge range
10
150
mA
IO(PRECHG) = (K(SET) × V(PRECHG))/ RSET
V(PRECHG)
Precharge set voltage
1 V < VI(BAT) < V(LOWV), t < t(PRECHG)
230
250
270
mV
BAT PIN CHARGING - CURRENT REGULATION
Vi (BAT) > V(LOWV), VI(OUT) - VI (BAT) >
AC battery charge current range
V(DO-MAX), PSEL = High
IO(BAT)
100
1000
1500
mA
(8)
IOUT(BAT) = (K(SET) × V(SET) / RSET),
VI(OUT) > VO(OUT-REG) + V(DO-MAX)
RPBAT
BAT to OUT pullup
Vi (BAT)< 1 V
1000
AC to OUT and USB to OUT
RPOUT
VI(OUT) < 1 V
500
short-circuit pullup
Voltage on ISET1, VVCC≥ 4.35 V,
Battery charge current set
V(SET)
VI(OUT)- VI(BAT) > V(DO-MAX),
2.475
2.500
2.525
V
voltage(9)
VI(BAT) > V(LOWV)
100 mA
≤ I
O(BAT) ≤ 1 A
400
425
450
K(SET)
Charge current set factor, BAT
10 mA
≤ I
O(BAT) ≤ 100 mA
(10)
300
450
600
(5)
VDO(max), dropout voltage is a function of the FET, RDS(on), and drain current. The dropout voltage increases proportionally to the
increase in current.
(6)
RDS(on) of USB FET Q3 is calculated by: (VUSB – VOUT) / (IOUT + IBAT) when II(USB) ≤ II(USB-MIN) (FET fully on, not in regulation).
(7)
All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
(8)
When input current remains below 2 A, the battery charging current may be raised until the thermal regulation limits the charge current.
(9)
For half-charge rate, V(SET) is 1.25 V ± 25 mV for bq24032A/38 only.
(10) Specification is for monitoring charge current via the ISET1 pin during voltage regulation mode, not for a reduced fast-charge level.
5
Submit Documentation Feedback


Similar Part No. - BQ24035RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24035RHLR TI-BQ24035RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24035RHLR TI-BQ24035RHLR Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24035RHLRG4 TI-BQ24035RHLRG4 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results

Similar Description - BQ24035RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com