Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4010YMA-85 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ4010YMA-85
Description  8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4010YMA-85 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ4010YMA-85 Datasheet HTML 5Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 6Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 7Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 8Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 9Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 10Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 11Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 12Page - Texas Instruments BQ4010YMA-85 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
Previous Data Valid
Data Valid
Address
DOUT
tRC
tAA
tOH
High−Z
High−Z
CE
DOUT
tRC
tACE
tCLZ
tCHZ
bq4010/Y/LY
SLUS116A – MAY 1999 – REVISED APRIL 2007
Table 2. READ CYCLE (TA = TOPR, VCC(min)≤ VCC≤ VCC(max))
-70
-85
-150
-200
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Read cycle time
70
85
150
200
tAA
Address access time
70
85
150
200
tACE
Chip enable access time
Output load A
70
85
150
200
tOE
Output enable to output valid
35
45
70
90
tCLZ
Chip enable to output in low Z
5
5
5
5
ns
tOLZ
Output enable to output in low Z
0
0
0
0
Output load B
tCHZ
Chip disable to output in high Z
0
25
0
25
0
25
0
25
tOHZ
Output disable to output in high Z
0
25
0
25
0
25
0
25
tOH
Output hold from address change
Output load A
10
10
10
10
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
Figure 5. Read Cycle No. 1 (Address Access) (1)(2)
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
(3)
Address is valid prior to or coincident with CE transition low.
Figure 6. Read Cycle No. 2 (CE Access) (1)(2)(3)
9
Submit Documentation Feedback


Similar Part No. - BQ4010YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010YMA-85 TI-BQ4010YMA-85 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-85 TI1-BQ4010YMA-85 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010YMA-85N TI-BQ4010YMA-85N Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-85N TI1-BQ4010YMA-85N Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com