Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCL6010RGZRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010RGZRG4
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010RGZRG4 Datasheet(HTML) 5 Page - Texas Instruments

  CDCL6010RGZRG4 Datasheet HTML 1Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 2Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 3Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 4Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 5Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 6Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 7Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 8Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS FOR THE SDA/SCL INTERFACE
(1)
CDCL6010
SLLS780 – FEBRUARY 2007
AC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JOUT
Residual clock output jitter
FIN = 30.72MHz, FOUT = 61.44MHz
400kHz PLL bandwidth
10Hz–1MHz offset
2.01
ps RMS
1MHz–20MHz offset
0.45
ps RMS
12kHz–20MHz offset
2.11
ps RMS
TP
Input-to-output delay
FIN = 30.72MHz, FOUT = 30.72MHz
3
ns
YP[9:0] outputs, PLL bypass mode
FIN = 30.72MHz, FOUT = 61.44MHz
150
ps
YP[9:0] outputs, PLL mode
FIN = 30.72MHz, FOUT = 61.44MHz
TSOUT
Clock output skew
–64
64
ps
YP[9:0] outputs relative to YP[0]
DCycleOUT
Clock output duty cycle(1)
45
55
%
(1)
Output duty cycle of the bypass output and for post-divide ratio = 1 is just as good as the input duty cycle.
PARAMETER
MIN
TYP
MAX
UNIT
fSCL
SCL frequency
400
kHz
th(START)
START hold time
0.6
µs
tw(SCLL)
SCL low-pulse duration
1.3
µs
tw(SCLH)
SCL high-pulse duration
0.6
µs
tsu(START)
START setup time
0.6
µs
th(SDATA)
SDA hold time
0
µs
tsu(DATA)
SDA setup time
0.6
µs
tr(SDATA)
SCL / SDA input rise time
0.3
µs
tf(SDATA)
SCL / SDA input fall time
0.3
µs
tsu(STOP)
STOP setup time
0.6
µs
tBUS
Bus free time
1.3
µs
(1)
See Figure 4 for the timing behavior.
5
Submit Documentation Feedback


Similar Part No. - CDCL6010RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010RGZRG4 TI-CDCL6010RGZRG4 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results

Similar Description - CDCL6010RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com