Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29412DCTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29412DCTT
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29412DCTT Datasheet(HTML) 3 Page - Texas Instruments

  BQ29412DCTT Datasheet HTML 1Page - Texas Instruments BQ29412DCTT Datasheet HTML 2Page - Texas Instruments BQ29412DCTT Datasheet HTML 3Page - Texas Instruments BQ29412DCTT Datasheet HTML 4Page - Texas Instruments BQ29412DCTT Datasheet HTML 5Page - Texas Instruments BQ29412DCTT Datasheet HTML 6Page - Texas Instruments BQ29412DCTT Datasheet HTML 7Page - Texas Instruments BQ29412DCTT Datasheet HTML 8Page - Texas Instruments BQ29412DCTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq29410, bq29411, bq29412, bq29413
bq29414, bq29415, bq29419
SLUS669E – AUGUST 2005 – REVISED MAY 2007
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4
25
V
VC1, VC2, VC3, VC4
0
VDD
VI
Input voltage range
V
VCn – VC (n=1), (n=1, 2, 3), VC4 – GND
0
5
td(CD)
Delay time capacitance
0.22
µF
RIN
Voltage-monitor filter resistance
100
1k
CIN
Voltage-monitor filter capacitance
0.01
0.1
µF
RVD
Supply-voltage filter resistance
0
1
k
CVD
Supply-voltage filter capacitance
0.1
µF
TA
Operating ambient temperature range
–40
110
°C
over recommended operating free-air temperature range, T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM MAX
UNIT
TA = 25°C
25
35
Overvoltage detection
V(OA)
TA = –20°C to 85°C
25
50
mV
accuracy
TA = –40°C to 110°C
80
bq29410
4.35
bq29411
4.40
bq29412
4.45
Overvoltage
V(PROTECT)
bq29413
4.50
V
detection voltage(1)
bq29414
4.55
bq29415
4.60
bq29419
4.30
Overvoltage detection
Vhys
300
mV
hysteresis(1)
V2, V3 , VC4 input ,VDD = VC1
IIN
Input current
0.3
µA
VC1 = VC2 = VC3 = VC4 = 3.5 V (see Figure 1)
Overvoltage detection delay
tD1
VDD = VC1, CD = 0.22 µF
1
1.5
2
S
time
I(CD_dis)
CD GND clamp current
VDD = VC1, CD = 1 V
5
12
µA
VDD = VC1,
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND = 3.5 V
2
3
(see Figure 1)
ICC
Supply current
µA
VDD = VC1,
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND = 2.3 V
1.5
2.5
(see Figure 1)
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND =
7
V(PROTECT)Max, VDD = VC1, IOH = 0 mA
V(OUT)
OUT pin drive voltage
V
VC1 = VC2 = VC3 = VC4 = V(PROTECT)Max,
1.5
2
2.5
VDD = 4.3 V, TA = 0°C to 70°C, IOH = 40 µA
OUT = 3 V,
IOH
High-level output current
–1
mA
VC1 = VC2 = VC3 = VC4 = 4.7 V
OUT = 0.1 V, VDD = VC1,
IOL
Low-level output current
5
µA
VC1–VC2 = VC2–VC3 = VC3–VC4 = VC4–GND = 3.5 V
(1)
Levels of the overvoltage detection and the hysteresis can be adjusted. For assistance, contact a Texas Instruments sales
representative.
3
Submit Documentation Feedback


Similar Part No. - BQ29412DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29412DCTT TI-BQ29412DCTT Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTT TI1-BQ29412DCTT Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29412DCTTG4 TI-BQ29412DCTTG4 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTTG4 TI1-BQ29412DCTTG4 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29412DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com