Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC421312RGER Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC421312RGER
Description  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC421312RGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC421312RGER Datasheet HTML 5Page - Texas Instruments CDC421312RGER Datasheet HTML 6Page - Texas Instruments CDC421312RGER Datasheet HTML 7Page - Texas Instruments CDC421312RGER Datasheet HTML 8Page - Texas Instruments CDC421312RGER Datasheet HTML 9Page - Texas Instruments CDC421312RGER Datasheet HTML 10Page - Texas Instruments CDC421312RGER Datasheet HTML 11Page - Texas Instruments CDC421312RGER Datasheet HTML 12Page - Texas Instruments CDC421312RGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDC421100RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421100RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421106RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421106RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421125RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421125RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421156RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421156RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421212RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421212RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421250RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421250RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421312RGER
RGE
24
MLA
330
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
CDC421312RGET
RGE
24
MLA
180
12
4.3
4.3
1.5
12
12
PKGORN
T2TR-MS
P
PACKAGE MATERIALS INFORMATION
www.ti.com
17-May-2007
Pack Materials-Page 2


Similar Part No. - CDC421312RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421312RGER TI1-CDC421312RGER Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDC421312RGERG4 TI1-CDC421312RGERG4 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
More results

Similar Description - CDC421312RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com