Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA875 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA875
Description  Triple 2:1 High-Speed Video Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA875 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA875 Datasheet HTML 1Page - Burr-Brown (TI) OPA875 Datasheet HTML 2Page - Burr-Brown (TI) OPA875 Datasheet HTML 3Page - Burr-Brown (TI) OPA875 Datasheet HTML 4Page - Burr-Brown (TI) OPA875 Datasheet HTML 5Page - Burr-Brown (TI) OPA875 Datasheet HTML 6Page - Burr-Brown (TI) OPA875 Datasheet HTML 7Page - Burr-Brown (TI) OPA875 Datasheet HTML 8Page - Burr-Brown (TI) OPA875 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
75W
75W
75W
75W
RGB
Channel0
75W
75W
75W
RGB
Channel1
75W
75W
RGB
Out
+5V
-5V
EN
Channel
Select
OPA3875
(Patented)
RGBSwitching
OPA3875
SBOS341B – DECEMBER 2006 – REVISED DECEMBER 2006
Triple 2:1 High-Speed Video Multiplexer
• 700MHz SMALL-SIGNAL BANDWIDTH
The OPA3875 offers a very wideband, 3-channel, 2:1
(AV = +2)
multiplexer in a small SSOP-16 package. Using only
11mA/ch, the OPA3875 provides three, gain of +2,
• 425MHz, 4V
PP BANDWIDTH
video amplifier channels with > 400MHz large-signal
• 0.1dB GAIN FLATNESS to 150MHz
bandwidth (4VPP). Gain accuracy and switching glitch
• 4ns CHANNEL SWITCHING TIME
are improved over earlier solutions using a new
(patented) input stage switching approach. This
• LOW SWITCHING GLITCH: 40mV
PP
technique uses current steering as the input switch
• 3100V/µs SLEW RATE
while maintaining an overall closed-loop design. Gain
• 0.025%/0.025° DIFFERENTIAL GAIN, PHASE
matching between each of the 3-channel pairs is
also significantly improved using this technique
• HIGH GAIN ACCURACY: 2.0V/V ±0.4%
(<0.2% gain mismatch). With >700MHz small-signal
bandwidth at a gain of 2, the OPA3875 gives a
typical 0.1dB gain flatness to > 150MHz.
• RGB SWITCHING
System power may be reduced using the chip enable
• LCD PROJECTOR INPUT SELECT
feature for the OPA3875. Taking the chip enable line
• WORKSTATION GRAPHICS
high powers down the OPA3875 to <900
µA total
• TRIPLE ADC INPUT MUX
supply current. Muxing multiple OPA3875 outputs
• DROP-IN UPGRADE TO LT1675
together, then using the chip enable to select which
channels are active, increases the number of
possible inputs to the 3-channel outputs.
Where a single channel of the OPA3875 is required,
consider the OPA875.
OPA3875
SELECT
ENABLE
RED OUT GREEN OUT
BLUE OUT
1
0
R0
G0
B0
0
0
R1
G1
B1
X
1
Off
Off
Off
OPA3875 RELATED PRODUCTS
DESCRIPTION
OPA875
Single-Channel OPA3875
OPA4872
Quad 510MHz 4:1 Multiplexer
OPA3693
Triple 650MHz Video Buffer
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
KODENSHI_AUK CORP.
OPA8750T KODENSHI-OPA8750T Datasheet
99Kb / 1P
   Infrared LED Chip
logo
Texas Instruments
OPA875ID TI-OPA875ID Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875ID BURR-BROWN-OPA875ID Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com