Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA695
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA695 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA695 Datasheet HTML 5Page - Burr-Brown (TI) OPA695 Datasheet HTML 6Page - Burr-Brown (TI) OPA695 Datasheet HTML 7Page - Burr-Brown (TI) OPA695 Datasheet HTML 8Page - Burr-Brown (TI) OPA695 Datasheet HTML 9Page - Burr-Brown (TI) OPA695 Datasheet HTML 10Page - Burr-Brown (TI) OPA695 Datasheet HTML 11Page - Burr-Brown (TI) OPA695 Datasheet HTML 12Page - Burr-Brown (TI) OPA695 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
60
55
50
45
40
35
30
25
20
15
10
Frequency(MHz)
0
250
50
100
150
200
300W
1/3
OPA3693
P
I
300W
50W
P
O
500W
R =500W
L
300W
50W
1/3
OPA3693
P
I
300W
50W
P
O
50W
R =100W
L
100
10
1
100
1k
10k
100k
1M
10M
Frequency(MHz)
22pA/ÖHz
InvertingCurrentNoise(internal)
NoninvertingCurrentNoise
VoltageNoise
17.8pA/ÖHz
1.8nV/ÖHz
9
6
3
0
-3
-6
-9
10
100
1000
Frequency(MHz)
G=+2
OptimizedR
S
C =100pF
L
C =10pF
L
C =50pF
L
C =20pF
L
60
50
40
30
20
10
0
1
10
100
CapacitiveLoad(pF)
G=+2
<0.5dBPeaking
1/3
OPA3693
R
S
V
IN
V
O
C
L
1kW
300W
50W
300W
1k
isoptional
W
0
4
6
2
10
12
20
14
16
18
8
Time(2ns/div)
20
15
10
5
0
-5
-10
-15
-20
G=+2
R
L =100W
2V
0V
®
OutputStep
SeeFigure36
Input
Output
-20
-30
-40
-50
-60
-70
-80
-90
-100
10
100
1000
Frequency(MHz)
G=+2
R
L =100W
V
=0V
DIS
ForwardandReverse
SeeFigure42
OPA3693
SBOS353 – DECEMBER 2006
TYPICAL CHARACTERISTICS:
±5V (continued)
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
2-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
INPUT VOLTAGE vs CURRENT NOISE DENSITY
Figure 13.
Figure 14.
SMALL-SIGNAL FREQUENCY RESPONSE vs
RECOMMENDED RS vs CAPACITIVE LOAD
CAPACITIVE LOAD
Figure 15.
Figure 16.
SETTLING TIME
DISABLED FEEDTHROUGH vs FREQUENCY
Figure 17.
Figure 18.
9
Submit Documentation Feedback


Similar Part No. - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA695 BURR-BROWN-OPA695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA695 BURR-BROWN-OPA695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA695 TI1-OPA695 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA695 TI1-OPA695 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA695

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com