Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8507IDWG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8507IDWG4
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8507IDWG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS8507IDWG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 11Page - Burr-Brown (TI) ADS8507IDWG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
60
70
80
90
100
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
60
70
80
90
100
0
1
10
100
1000
f-Frequency-kHz
f = 0 dB
i
70
80
90
100
110
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
-120
-110
-100
-90
-80
-70
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
80
85
90
95
100
105
110
0
1
2
3
4
5
6
7
8
9
10
ESR- W
f =10kHz,0dB
i
0
1
2
3
4
5
6
7
8
9
10
ESR- W
-110
-105
-100
-95
-90
-85
-80
f =10kHz,0dB
i
-80
-70
-60
-50
-40
-30
-20
10
100
1000
1k
10k
100k
Power-SupplyRippleFrequency-Hz
f =10kHz,0dB
i
80
85
90
95
100
105
110
0
1
2
3
4
5
6
7
8
9
10
ESR- W
80
85
90
95
100
105
110
0
1
2
3
4
5
6
7
8
9
10
ESR- W
f =10kHz,0dB
i
ADS8507
SLAS381 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE AND
SIGNAL-TO-NOISE RATIO
DISTORTION
SPURIOUS FREE DYNAMIC RANGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
EQUIVALENT SERIES RESISTOR
EQUIVALENT SERIES RESISTOR
Figure 19.
Figure 20.
Figure 21.
SIGNAL TO NOISE RATIO AND
OUTPUT REJECTION
SIGNAL TO NOISE RATIO
DISTORTION
vs
vs
vs
POWER-SUPPLY RIPPLE
EQUIVALENT SERIES RESISTOR
EQUIVALENT SERIES RESISTOR
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
8
Submit Documentation Feedback


Similar Part No. - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507IDWG4 TI-ADS8507IDWG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com