Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA875IDGKRG4 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA875IDGKRG4
Description  Single 2:1 High-Speed Video Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA875IDGKRG4 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA875IDGKRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA875IDGKRG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
APPLICATIONS INFORMATION
1-BIT HIGH-SPEED PGA
TRANSMIT/RECEIVE SWITCH
HIGH ISOLATION RGB VIDEO MUX
50W
57.6W
50W
OPA875
x1
x2
x1
IN
50W
Source
50W
Load
50W
50W
OPA695
Channel0
Channel1
523W
OPA695
402W
+5V
+5V
-5V
-5V
+5V
-5V
OPA875
x1
x2
x1
ReceiveChannel
Channel0
Channel1
OPA875
SBOS340 – DECEMBER 2006
The OPA875 can be used as a 1-bit, high-speed
The OPA875 can be used as a transmit/receive
programmable gain amplifier (PGA) when used in
switch in which the receive channel is disconnected,
conjunction with another amplifier. Figure 25 shows
when the OPA875 is switched from channel 0 to
the OPA695 used twice with one amplifier configured
channel 1, to prevent the transmit pulse from going
in a unity-gain structure, and the other amplifier
through the receive signal chain. This architecture is
configured in a gain of +8V/V.
shown in Figure 26.
When channel 0 is selected, the overall gain to the
matched load of the OPA875 is 0dB. When channel
1 is selected, this circuit delivers an 18dB gain to the
Three OPA875s can be used as a triple, 2:1 video
matched load.
MUX (see Figure 27). This configuration has the
advantage of having higher R to G to B isolation than
a comparable and more integrated solution does,
such
as
the
OPA3875,
especially
at
higher
frequencies. This comparison is shown in Figure 28.
Figure 25. 1-Bit, High-Speed PGA
Figure 26. Transmit/Receive Switch
9
Submit Documentation Feedback


Similar Part No. - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875IDGKRG4 TI-OPA875IDGKRG4 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com