Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040D
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1040D Datasheet HTML 4Page - Texas Instruments SN65HVD1040D Datasheet HTML 5Page - Texas Instruments SN65HVD1040D Datasheet HTML 6Page - Texas Instruments SN65HVD1040D Datasheet HTML 7Page - Texas Instruments SN65HVD1040D Datasheet HTML 8Page - Texas Instruments SN65HVD1040D Datasheet HTML 9Page - Texas Instruments SN65HVD1040D Datasheet HTML 10Page - Texas Instruments SN65HVD1040D Datasheet HTML 11Page - Texas Instruments SN65HVD1040D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
50%
50%
50%
NOTE: CL = 100 pF
Includes Instrumentation
and Fixture Capacitance
Within
±20%
CANH
CANL
C
L
TXD
STB
RXD
+
VO
15 pF +20%
DUT
60 W +1%
TXD
Input
RXD Output
tloop2
tloop1
VCC
0 V
VOH
VOL
STB
CANH
CANL
VO
500 mV
900 mV
CL
(see Note B)
RL = 60 W +1%
TXD
(see Note A)
VI
VO
tdom
VCC
0 V
VOD(D)
0 V
VI
1.5 V
CANH
CANL
RXD
V
O
V
I
IO
C L
STB
3.5 V
V I
V O
400 mV
2.65 V
1.5 V
VOH
VOL
(see Note A)
VCC
(see Note B)
0.7 ms
tBUS
SN65HVD1040
SLLS631B – MARCH 2007 – REVISED APRIL 2007
A.
All VI input pulses are from 0 V to VCC and supplied by a generator with the following characteristics: tr or tf ≤ 6 ns.
Pulse Repetition Rate (PRR) = 125 kHz, 50% duty cycle.
Figure 9. tloop Test Circuit and Voltage Waveforms
A.
All VI input pulses are from 0 V to VCC and supplied by a generator with the following characteristics: tr or tf ≤ 6 ns.
Pulse Repetition Rate (PRR) = 500 Hz, 50% duty cycle.
B.
CL = 100 pF includes instrumentation and fixture capacitance within   20%.
Figure 10. Dominant Time-Out Test Circuit and Waveform
A.
For VI bit width ≤ 0.7 µs, VO = VOH. For VII bit width ≥ 5 µs, VO = VOL. VI input pulses are supplied from a generator
with the following characteristics; tr or tf ≤ 6 ns. Pulse Repetition Rate (PRR) = 50 Hz, 30% duty cycle.
B.
CL = 15 pF includes instrumentation and fixture capacitance within   20%.
Figure 11. tBUS Test Circuit and Waveform
8
Submit Documentation Feedback


Similar Part No. - SN65HVD1040D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI1-SN65HVD1040 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI1-SN65HVD1040-Q1 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com