Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3080E Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65HVD3080E
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3080E Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD3080E_07 Datasheet HTML 4Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 5Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 6Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 7Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 8Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 9Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 10Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 11Page - Texas Instruments SN65HVD3080E_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
B
A
R
50 W
VI
Input
Generator
RE
S1
1k
1%
W ±
C
D
VCC
VI
tPHZ
3V
1.5V
0V
VO
VOL
VOH
V
0.5V
OH -
1.5V
0or2.5V
2.5or0V
VO
C =15pF
L
±20%
C IncludesFixtureand
InstrumentationCapacitance
L
A at0V
Bat2.5V
S1toC
Generator:PRR=500kHz,50%DutyCycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
tPZH
» 0V
» 5V
tPZL
V
+0.5V
OL
tPLZ
1.5V
1.5V
VO
A at2.5V
Bat0V
S1toD
100 W
±1%
100 W
±1%
RE
PulseGenerator
15 sduration
1%DutyCycle
t ,t
100ns
m
£
r
f
B
A
R
+
-
Z
Y
D
+
-
DE
0Vor3V
0Vor3V
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771B – NOVEMBER 2006 – REVISED MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Receiver Enable and Disable Test Circuit and Voltage Waveforms
A.
This test is conducted to test survivability only. Data stability at the R output is not specified.
Figure 10. Transient Overvoltage Test Circuit
8
Submit Documentation Feedback


Similar Part No. - SN65HVD3080E_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080EDGS TI-SN65HVD3080EDGS Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGS TI1-SN65HVD3080EDGS Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSG4 TI1-SN65HVD3080EDGSG4 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSR TI-SN65HVD3080EDGSR Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSR TI1-SN65HVD3080EDGSR Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3080E_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com