Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3083EDGS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3083EDGS
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3083EDGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD3083EDGS Datasheet HTML 5Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 6Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 7Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 8Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 9Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 10Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 11Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 12Page - Texas Instruments SN65HVD3083EDGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
DEVICE INFORMATION
FUNCTION TABLES
DEVICE ELECTRICAL CHARACTERISTICS
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771B – NOVEMBER 2006 – REVISED MARCH 2007
DRIVER(1)
INPUT
Enable
OUTPUTS
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
Open
H
H
L
(1)
H = high level, L = low level, Z = high impedance, X = irrelevant, ?
= indeterminate
RECEIVER(1)
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
VID = V(A) - V(B)
RE
R
VID ≤ –0.2 V
L
L
–0.2 V < VID < –0.01 V
L
?
–0.01 V
≤ V
ID
L
H
X
H
Z
Open Circuit
L
H
BUS Idle
L
H
Short Circuit
L
H
(1)
H = high level, L = low level, Z = high impedance, X = irrelevant, ?
= indeterminate
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60 Ω, Input to D a 500-kHz 50% duty
P(AVG)
Average power dissipation
85
109
136
mW
cycle square-wave
9
Submit Documentation Feedback


Similar Part No. - SN65HVD3083EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3083EDGS TI-SN65HVD3083EDGS Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGS TI1-SN65HVD3083EDGS Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGSG4 TI-SN65HVD3083EDGSG4 Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGSG4 TI1-SN65HVD3083EDGSG4 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGSR TI-SN65HVD3083EDGSR Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3083EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com