Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6251AHAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6251AHAZ
Description  Low Cost Multi-Chemistry Battery Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6251AHAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6251AHAZ Datasheet HTML 1Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 2Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 3Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 4Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 5Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 6Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 7Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 8Page - Intersil Corporation ISL6251AHAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN9202.2
May 10, 2006
Absolute Maximum Ratings
Thermal Information
DCIN, CSIP, CSON to PGND . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PHASE to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 30V
BOOT to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V
ACLIM, ACPRN, CHLIM, VDD to GND . . . . . . . . . . . . . . -0.3V to 7V
BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
ICM, ICOMP, VCOMP to GND. . . . . . . . . . . . . . -0.3V to VDD+0.3V
VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . . PHASE-0.3V to BOOT+0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . PGND-0.3V to VDDP+0.3V
Thermal Resistance
θJA(°C/W)
θJC (°C/W)
QFN Package (Notes 4, 6). . . . . . . . . .
39
9.5
QSOP Package (Note 5) . . . . . . . . . . .
88
N/A
Junction Temperature Range. . . . . . . . . . . . . . . . . . -10°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. When the voltage across ACSET is below 0V, the current through ACSET should be limited to less than 1mA.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = 1.5V, ACLIM = VREF, VADJ = Floating,
EN = VDD = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD = 0mA, TA = -10°C to +100°C,
TJ ≤ 125°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY AND BIAS REGULATOR
DCIN Input Voltage Range
7
25
V
DCIN Quiescent Current
EN = VDD or GND, 7V
≤ DCIN ≤ 25V
1.4
3
mA
Battery Leakage Current (Note 7)
DCIN = 0, no load
3
10
µA
VDD Output Voltage/Regulation
7V
≤ DCIN ≤ 25V, 0 ≤ I
VDD ≤ 30mA
4.925
5.075
5.225
V
VDD Undervoltage Lockout Trip Point
VDD Rising
4.0
4.4
4.6
V
Hysteresis
200
250
400
mV
Reference Output Voltage VREF
0
≤ I
VREF ≤ 300µA
2.365
2.39
2.415
V
Battery Charge Voltage Accuracy
CSON = 16.8V, CELLS = VDD, VADJ = Float
-0.5
0.5
%
CSON = 12.6V, CELLS = GND, VADJ = Float
-0.5
0.5
%
CSON = 8.4V, CELLS = Float, VADJ = Float
-0.5
0.5
%
CSON = 17.64V, CELLS = VDD, VADJ = VREF
-0.5
0.5
%
CSON = 13.23V, CELLS = GND, VADJ = VREF
-0.5
0.5
%
CSON = 8.82V, CELLS = Float, VADJ = VREF
-0.5
0.5
%
CSON = 15.96V, CELLS = VDD, VADJ = GND
-0.5
0.5
%
CSON = 11.97V, CELLS = GND, VADJ = GND
-0.5
0.5
%
CSON = 7.98V, CELLS = Float, VADJ = GND
-0.5
0.5
%
TRIP POINTS
ACSET Threshold
1.24
1.26
1.28
V
ACSET Input Bias Current Hysteresis
2.2
3.4
4.4
µA
ACSET Input Bias Current
ACSET
≥ 1.26V
2.2
3.4
4.4
µA
ACSET Input Bias Current
ACSET < 1.26V
-1
0
1
µA
ISL6251, ISL6251A


Similar Part No. - ISL6251AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251AHAZ RENESAS-ISL6251AHAZ Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Intersil Corporation
ISL6251AHAZ-T INTERSIL-ISL6251AHAZ-T Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
More results

Similar Description - ISL6251AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
   Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com