Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7586ILZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7586ILZ
Description  TFT-LCD Power Supply
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7586ILZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL7586ILZ Datasheet HTML 1Page - Intersil Corporation EL7586ILZ Datasheet HTML 2Page - Intersil Corporation EL7586ILZ Datasheet HTML 3Page - Intersil Corporation EL7586ILZ Datasheet HTML 4Page - Intersil Corporation EL7586ILZ Datasheet HTML 5Page - Intersil Corporation EL7586ILZ Datasheet HTML 6Page - Intersil Corporation EL7586ILZ Datasheet HTML 7Page - Intersil Corporation EL7586ILZ Datasheet HTML 8Page - Intersil Corporation EL7586ILZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN9210.2
January 17, 2006
VON LDO
VFBP
FBP Regulation Voltage
IDRVP = 0.2mA, TA = 25°C
1.176
1.2
1.224
V
IDRVP = 0.2mA
1.172
1.2
1.228
V
VF_FBP
FBP Fault Trip Point
VFBP falling
0.82
0.87
0.92
V
IFBP
FBP Input Bias Current
VFBP = 1.35V
-250
250
nA
GMP
FBP Effective Transconductance
VDRVP = 25V, IDRVP = 0.2 to 2mA
50
ms
∆VON/∆I(VON)VON Load Regulation
I(VON) = 0mA to 20mA
-0.5
%
IDRVP
DRVP Sink Current Max
VFBP = 1.1V, VDRVP = 25V
2
4
mA
IL_DRVP
DRVP Leakage Current
VFBP = 1.5V, VDRVP = 35V
0.1
5
µA
VOFF LDO
VFBN
FBN Regulation Voltage
IDRVN = 0.2mA, TA = 25°C
0.173
0.203
0.233
V
IDRVN = 0.2mA
0.171
0.203
0.235
V
VF_FBN
FNN Fault Trip Point
VFBN falling
0.38
0.43
0.48
V
IFBN
FBN Input Bias Current
VFBN = 0.2V
-250
250
nA
GMN
FBN Effective Transconductance
VDRVN = -6V, IDRVN = 0.2mA to 2mA
50
ms
∆VOFF/
∆I(VOFF)
VOFF Load Regulation
I(VOFF) = 0mA to 20mA
-0.5
%
IDRVN
DRVN Source Current Max
VFBN = 0.3V, VDRVN = -6V
2
4
mA
IL_DRVN
DRVN Leakage Current
VFBN = 0V, VDRVN = -20V
0.1
5
µA
VLOGIC LDO
VFBL
FBL Regulation Voltage
IDRVL = 1mA, TA = 25°C
1.176
1.2
1.224
V
IDRVL = 1mA
1.174
1.2
1.226
V
VF_FBL
FBL Fault Trip Point
VFBL falling
0.82
0.87
0.92
V
IFBL
FBL Input Bias Current
VFBL = 1.35V
-500
500
nA
GML
FBL Effective Transconductance
VDRVL = 2.5V, IDRVL = 1mA to 8mA
200
ms
∆VLOGIC/
∆I(VLOGIC)
VLOGIC Load Regulation
I(VLOGIC) = 100mA to 500mA
0.5
%
IDRVL
DRVL Sink Current Max
VFBL = 1.1V, VDRVL = 2.5V
8
16
mA
IL_DRL
IL_DRVL
VFBL = 1.5V, VDRVL = 5.5V
0.1
5
µA
SEQUENCING
tON
Turn On Delay
CDLY = 0.22µF
30
ms
tSS
Soft-start Time
CDLY = 0.22µF
2
ms
tDEL1
Delay Between AVDD and VOFF
CDLY = 0.22µF
10
ms
tDEL2
Delay Between VON and VOFF
CDLY = 0.22µF
17
ms
IDELB
DELB Pull-down Current
VDELB >0.6V
50
µA
VDELB < 0.6V
1.4
mA
CDEL
Delay Capacitor
10
220
nF
Electrical Specifications VDD = 5V, VBOOST = 11V, ILOAD = 200mA, VON = 15V, VOFF = -5V, VLOGIC = 2.5V, over temperature from
-40°C to 85°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
EL7586, EL7586A


Similar Part No. - EL7586ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
logo
Renesas Technology Corp
EL7586ILZ RENESAS-EL7586ILZ Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ-T13 INTERSIL-EL7586ILZ-T13 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
More results

Similar Description - EL7586ILZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com