Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6540CRZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6540CRZA
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6540CRZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6540CRZA Datasheet HTML 5Page - Intersil Corporation ISL6540CRZA Datasheet HTML 6Page - Intersil Corporation ISL6540CRZA Datasheet HTML 7Page - Intersil Corporation ISL6540CRZA Datasheet HTML 8Page - Intersil Corporation ISL6540CRZA Datasheet HTML 9Page - Intersil Corporation ISL6540CRZA Datasheet HTML 10Page - Intersil Corporation ISL6540CRZA Datasheet HTML 11Page - Intersil Corporation ISL6540CRZA Datasheet HTML 12Page - Intersil Corporation ISL6540CRZA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN9214.0
March 9, 2006
Functional Pin Description
VSEN+ (Pin 1)
This pin provides differential remote sense for the ISL6540.
It is the positive input of a standard instrumentation amplifier
topology with unity gain, and should connect to the positive
rail of the load/processor. The voltage at this pin should be
set equal to the internal system reference voltage (0.591V
typical.)
VSEN- (Pin 2)
This pin provides differential remote sense for the regulator.
It is the negative input of the instrumentation amplifier, and
should connect to the negative rail of the load/processor.
Typically 50
µA is sourced from this pin. The output of the
remote sense buffer is disabled (High Impedance) by pulling
VSEN- to VCC.
REFOUT (Pin 3)
This pin connects to the unmargined system reference
through an internal buffer. It has a 19mA drive capability with
an output common mode range of GND to VCC. The
REFOUT buffer requires at least 1
µF of capacitive loading to
be stable. This pin should not be left floating.
REFIN (Pin 4)
When the external reference pin (REFIN) is NOT within ~800
mV of VCC, the REFIN pin is used as the system reference
instead of the internal 0.591V reference. The recommended
REFIN input voltage range is ~60mV to VCC - 1.8V.
SS (Pin 5)
This pin provides softstart functionality for the ISL6540. A
capacitor connected to ground along with the internal 38mA
Operational Transconductance Amplifier (OTA), sets the
soft-start interval of the converter. This pin is directly
connected to the non-inverting input of the Error Amplifier.
To prevent noise injection into the error amplifier the SS
capacitor should be located within 150 mils of the SS and
GND pins.
OFS+ (Pin 6)
This pin sets the positive margining offset voltage. Resistors
should be connected to GND (ROFS+ ) and OFS-( RMARG)
from this pin. With MAR_CTRL logic low, the internal 0.591V
reference is developed at the OFS+ pin across resistor
ROFS+. The voltage on OFS+ is driven from OFS- through
RMARG. The resulting voltage differential between OFS+
and OFS- is divided by 5 and imposed on the system
reference. The maximum designed offset of 1V between
OFS+ and OFS- pins translates to a 200mV offset.
OFS- (Pin 7)
This pin sets the negative margining offset voltage.
Resistors should be connected to GND (ROFS- ) and OFS+
(RMARG) from this pin. With MAR_CTRL logic low, the
internal 0.591V reference is developed at the OFS- pin
across resistor ROFS-. The voltage on OFS- is driven from
OFS+ through RMARG. The resulting voltage differential
between OFS+ and OFS- is divided by 5 and imposed on the
system reference. The maximum designed offset of -1V
between OFS+ and OFS- pins translates to a -200mV offset
of the system reference.
VCC (Pin 8, Analog Circuit Bias)
This pin provides power for the ISL6540 analog circuitry.
The pin should be connected to a 2.9V to 5.6V bias through
an RC filter from PVCC to prevent noise injection into the
analog circuitry. This pin can be powered off the internal or
external linear regulator options.
MARCTRL (Pin 9)
The MARCTRL pin controls margining function, a logic high
enables positive margining, a logic low sets negative
margining, a high impedance disables margining.
PG_DLY (Pin 10)
Provides the ability to delay the output of the PGOOD
assertion by connecting a capacitor from this pin to GND. A
0.1µF capacitor produces approximately a 5ms delay.
PGOOD (Pin 11)
Provides an open drain Power Good signal when the output
is within 9% of nominal output regulation point with 6%
hysteresis (15%/9%), and after soft-start is complete.
PGOOD monitors the VMON pin.
EN (Pin 12)
This pin is compared with an internal 0.49V reference and
enables the soft-start cycle. This pin also can be used for
voltage monitoring. A 10
µA current source to GND is active
while the part is disabled, and is inactive when the part is
enabled. This provides functionality for programmable
hysteresis when the EN pin is used for voltage monitoring.
VFF (Pin 13)
The voltage at this pin is used for input voltage feed forward
compensation and sets the internal oscillator ramp peak to
peak amplitude at 0.16 * VFF. An external RC filter may be
required at this pin in noisy input environments. The
minimum recommended VFF voltage is 2.97V.
VIN (Pin 14, Internal Linear Regulator Input)
This pin should be tied directly to the input rail when using
the internal or external linear regulator options. It provides
power to the External/Internal Linear drive circuitry. When
used with an external 3.3V to 5V supply, this pin should be
tied directly to PVCC.
ISL6540


Similar Part No. - ISL6540CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540CRZA INTERSIL-ISL6540CRZA Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540CRZA RENESAS-ISL6540CRZA Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
More results

Similar Description - ISL6540CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com