Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000IRNFZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9000IRNFZ
Description  Dual LDO with Low Noise, Very High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000IRNFZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9000IRNFZ Datasheet HTML 3Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 4Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 5Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 6Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 7Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 8Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 9Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 10Page - Intersil Corporation ISL9000IRNFZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN9217.3
August 2, 2006
Block Diagram
Functional Description
The ISL9000 contains two high performance LDO’s. High
performance is achieved through a circuit that delivers fast
transient response to varying load conditions. In a quiescent
condition, the ISL9000 adjusts its biasing to achieve the
lowest standby current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, staged turn-on and soft-start.
Smart thermal shutdown protects the device against
overheating. Staged turn-on and soft-start minimize start-up
input current surges without causing excessive device
turn-on time.
Power Control
The ISL9000 has two separate enable pins, EN1 and EN2,
to individually control power to each of the LDO outputs.
When both EN1 and EN2 are low, the device is in shutdown
mode. During this condition, all on-chip circuits are off, and
the device draws minimum current, typically less than 0.1
μA.
When one or both of the enable pins are asserted, the
device first polls the output of the UVLO detector to ensure
that VIN voltage is at least about 2.1V. Once verified, the
device initiates a start-up sequence. During the start-up
sequence, trim settings are first read and latched. Then,
sequentially, the bandgap, reference voltage and current
generation circuitry power-up. Once the references are
stable, a fast-start circuit quickly charges the external
reference bypass capacitor (connected to the CBYP pin) to
the proper operating voltage. After the bypass capacitor has
been charged, the LDO’s power-up in their specified
sequence.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30
μs/V to minimize current surge.
VO2
LDO
ERROR
AMPLIFIER
IS1
1V
QEN1
LDO-1
LDO-2
POR
COMPARATOR
VOK1
POR1
VREF
TRIM
VIN
VO1
VO2
POR2
POR1
GND
EN2
EN1
CONTROL
LOGIC
POR2
DELAY
POR1
DELAY
VOLTAGE
REFERENCE
GENERATOR
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VOK2
VOK1
1.00V
0.94V
0.90V
VO1
VO2
CPOR
CBYP
VO1
~1.0V
VOK2
POR2
ISL9000


Similar Part No. - ISL9000IRNFZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9000IRNFZ RENESAS-ISL9000IRNFZ Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL9000IRNFZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com