Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97632IRT14Z-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97632IRT14Z-TK
Description  White LED Driver with Digital Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632IRT14Z-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97632IRT14Z-TK Datasheet HTML 1Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97632IRT14Z-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN9239.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL97632
White LED Driver with Digital Dimming
The ISL97632 represents an efficient and highly integrated
PWM boost LED driver that is suitable for 1.8” to 3.5” LCDs
that employ 2 to 6 white LEDs for backlighting. With
integrated Schottky diode, OVP, and dynamic digital
dimming capability, the ISL97632 provides a simple, reliable,
and flexible solution to the backlight designers.
The ISL97632 features a simple single-wire digital interface
that provides a 5-bit dimming control. The dimming signal
adjusts the FB voltage and therefore the LED brightness in a
DC manner in 32 linear steps. An EN pin can be used to
provide a zero brightness setting or shutdown power saving
function.
The ISL97632 is available in the 8 Ld DFN (2mmx3mm)
package. There are 14V, 18V, and 26V OVP options that are
suitable for 3, 4, and 6 LEDs backlight applications
respectively. The ISL97632 is specified for operation over
the -40°C to +85°C ambient temperature at input voltage
from 2.4V to 5.5V.
Pinout
ISL97632
(8 LD 2x3 TDFN)
TOP VIEW
Typical Application Circuit
Features
• 5-Bit Digital Dimming Control
• Drives up to 6 LEDs in Series
• OVP (14V, 18V and 26V for 3, 4, and 6 LEDs applications)
• Integrated Schottky Diode
• 2.4V to 5.5V input
• 86% Efficiency
• 1.4MHz Switching Frequency Allows Small LC
• Enable for Shutdown Function or Zero Brightness Setting
• 1µA Shutdown Current
• Internally Compensated
• 8 Ld DFN (2mmx3mm)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• LED backlighting for
- Cell phones
- Smartphones
-MP3
-PMP
- Automotive Navigation Panel
- Portable GPS
2
3
4
1
7
6
5
8
GND
VIN
EN
SDIN
LX
VOUT
FBSW
FB
VIN
LX
FBSW
GND
VIN
EN
FB
VOUT
SDIN
10µH or 22µH
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE &
REEL
(QTY)
PACKAGE
(Pb-Free)
PKG.
DWG.#
ISL97632IRT14Z-T
ELB
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97632IRT14Z-TK ELB
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97632IRT18Z-T
ELC
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97632IRT18Z-TK ELC
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97632IRT26Z-T
ELD
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97632IRT26Z-TK ELD
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 10, 2007


Similar Part No. - ISL97632IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results

Similar Description - ISL97632IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Fitipower Integrated Te...
FP6745 FITIPOWER-FP6745 Datasheet
633Kb / 11P
   High-Efficiency, 40V White LED Driver with Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com