Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6273IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6273IRZ
Description  1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6273IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6273IRZ Datasheet HTML 1Page - Intersil Corporation ISL6273IRZ Datasheet HTML 2Page - Intersil Corporation ISL6273IRZ Datasheet HTML 3Page - Intersil Corporation ISL6273IRZ Datasheet HTML 4Page - Intersil Corporation ISL6273IRZ Datasheet HTML 5Page - Intersil Corporation ISL6273IRZ Datasheet HTML 6Page - Intersil Corporation ISL6273IRZ Datasheet HTML 7Page - Intersil Corporation ISL6273IRZ Datasheet HTML 8Page - Intersil Corporation ISL6273IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9256.0
March 7, 2006
Typical Operating Performance
FIGURE 1. EFFICIENY vs LOAD CURRENT (VIN = 3.6V)
FIGURE 2. VOUT vs LOAD CURRENT (VIN = 3.6V)
FIGURE 3. EFFICIENCY vs LOAD CURRENT (VO = 1.8V)
FIGURE 4. VOUT vs LOAD CURRENT (VIN = 2.7V)
FIGURE 5. IQ vs VIN (PFM)
FIGURE 6. IQ vs VIN (PWM)
VO = 2.5V
VO = 1.2V
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VO = 2.8V
3.3
3.31
3.32
3.33
3.34
3.35
3.36
3.37
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 3.6V
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.7V
1.74
1.76
1.78
1.8
1.82
1.84
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.7V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
2.9
3.4
3.9
4.4
4.9
5.4
VIN VOLTAGE RANGE (2.9V-5.5V)
INPUT CURRENT IN PFM MODE OF 2.8V
0
1
2
3
4
5
6
7
2.9
3.4
3.9
4.4
4.9
5.4
VIN VOLTAGE RANGE (2.9V-5.5V)
INPUT CURRENT IN PWM MODE OF 2.8V
ISL6273


Similar Part No. - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273IRZ RENESAS-ISL6273IRZ Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL6273IRZ-T RENESAS-ISL6273IRZ-T Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com