Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6273IRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6273IRZ-T
Description  1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6273IRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6273IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6273IRZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN9256.0
March 7, 2006
Applications Information
Output Inductor and Capacitor Selection
To consider state steady and transient operation, ISL6273
typically uses a 1.8µH output inductor. Higher or lower
inductor value can be used to optimize the total converter
system performance. For example, for higher output voltage
3.3V application, in order to decrease the inductor current
ripple and output voltage ripple, the output inductor value
can be increased as shown in Table 1. The inductor ripple
current can be expressed as follows:
The inductor’s saturation current rating needs be at least
larger than the peak current. The ISL6273 protects the peak
current 2.1A. The saturation current needs be over 2.1A for
maximum output current application.
ISL6273 uses internal compensation network and the output
capacitor value is dependant on the output voltage. The
ceramic capacitor is recommended to be X5R or X7R. The
recommended minimum output capacitor values are shown
in Table 1.
In Table 1, the minimum output capacitor value is given for
different output voltage to make sure the whole converter
system stable. Due to the limitation on power dissipation
when the regulator disable and discharge output capacitor,
there is the maximum output capacitor value. The maximum
output capacitor value is variable with the output voltage.
The plot curve is shown in Figure 20.
Input Capacitor Selection
The main functions for the input capacitor are to provide
decoupling of the parasitic inductance and to provide filtering
function to prevent the switching current flowing back to the
battery rail. A 10
µF X5R or X7R ceramic capacitor is a good
starting point for the input capacitor selection.
Output Voltage Setting Resistor Selection
The resistors R2 and R3 shown in Figure 16 set the output
voltage for the adjustable version. The output voltage can be
calculated by:
where the 0.8V is the reference voltage. The voltage divider
consists of R2 and R3 increases the quiescent current by
Vo/(R2+R3) so larger resistance is desirable. On the other
hand, the FB pin has leakage current that will cause error in
the output voltage setting. The leakage current has a typical
value of 0.1
µA. To minimize the accuracy impact on the
output voltage, select the R3 no larger than 200k
Ω.
Layout Recommendation
The layout is a very important converter design step to make
sure the designed converter works well. For ISL6273 buck
converter, the power loop is composed of the output inductor
L, the output capacitor COUT, Phase pin and PGND pin. It is
necessary to make the power loop as small as possible. In
order to make the output voltage regulate well and avoid the
noise couple from the power loop specially for PFM mode
operation, SGND pin should be connected with PGND pin at
the terminals of the load.
The heat of the IC is mainly dissipated through the thermal
pad. Maximizing the copper area connected to the thermal
pad is preferable. In addition, a solid ground plane is helpful
for EMI performance.
TABLE 1. OUTPUT CAPACITOR VALUE vs VOUT
VOUT
COUT
L
0.8V
10µF
1.0µH~2.2µH
1.2V
10µF
1.2µH~2.2µH
1.6V
10µF
1.8µH~2.2µH
1.8V
10µF
1.8µH~3.3µH
2.5V
10µF
1.8µH~3.3µH
3.3V
6.8µF
1.8µH~4.7µH
3.6V
4.7µF
1.8µH~4.7µH
∆I
VO 1
VO
VIN
---------



LfS
---------------------------------------
=
600
505
410
315
220
125
30
1.27
0.8
1.73
2.2
2.67
3.13
3.6
OUTPUT VOLTAGE (V)
FIGURE 20. THE MAXIMUM CAP vs THE OUTPUT VOLTAGE
VO
0.8
1
R2
R3
-------
+



=
ISL6273


Similar Part No. - ISL6273IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273IRZ-T RENESAS-ISL6273IRZ-T Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL6273IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com